Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

701269-R5-MB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 701269-R5-MB
Description  High output red solution
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701269-R5-MB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  701269-R5-MB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5725 Olivas Park Drive • Ventura, California 93003 • 805.676.3200 Fax 805.676.3206 • SloanLED.com • info@SloanLED.com
© 2014 SloanLED Rev B 2014-06-18
SloanLED channel letter products are covered by US and foreign patents pending and covered by
one or more of the following US patents issued: 6,932,495, 7,160,140, 7,241,031, 7,520,771, 7,931,386 and European Patent No. 1756471
ChanneLED 5 LED lighting system offers simplicity and flexibility while providing bright,
vivid and uniform illumination for face-lit channel letters, sign cabinets, cove lighting and an
endless array of low-voltage applications.
• Run 45 feet per SloanLED 60 W 12 VDC power supply
• SloanStretch expandable wire (+2 in) feature for optimum module placement
• Constant Current Technology (CCT)
Specifications
Part number
701269-R5-MB
Dimensions L × W × H
4 in × 0.46 in × 0.45 in
Viewing angle
120°
LEDs per module
3
Modules per foot
2
Maximum coverage per row
Can depth
Coverage
≥5 in
7.5 in
Operating temperature
-40° C to +70° C
Protection class
IP66
Special feature
SloanStretch expandable wire (+2 in)
Power per module
0.60 W
Efficacy
30 lm/W
Power capacity
90 modules per SloanLED 60 W 12 VDC power supply
Fastening
Peel-n-stick and mechanical
Packaging
25 ft (50 modules) per tray, 5 trays per carton
Color
Red
Lumens per module
18
ChanneLED 5
High output red solution
2 modules per foot


Similar Part No. - 701269-R5-MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
701269-RLP-MB ETC2-701269-RLP-MB Datasheet
278Kb / 2P
Versatile LED lighting system
701269-RVLL-MB ETC2-701269-RVLL-MB Datasheet
308Kb / 2P
Everyday standard face lit solutions
701269-RVLS-MB ETC2-701269-RVLS-MB Datasheet
308Kb / 2P
Everyday standard face lit solutions
More results

Similar Description - 701269-R5-MB

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L3882 HAMAMATSU-L3882 Datasheet
144Kb / 4P
High output red LED
logo
OptoDiode Corp
OD-620L OPTODIODE-OD-620L Datasheet
354Kb / 2P
HIGH OUTPUT RED LED
OD-620 OPTODIODE-OD-620 Datasheet
298Kb / 2P
HIGH OUTPUT RED LED
OD-624L OPTODIODE-OD-624L Datasheet
227Kb / 2P
HIGH OUTPUT RED LED
OD-624L OPTODIODE-OD-624L_13 Datasheet
203Kb / 2P
HIGH OUTPUT RED LED
OD624L OPTODIODE-OD624L Datasheet
203Kb / 2P
HIGH OUTPUT RED LED
logo
Maxim Integrated Produc...
MAX15091 MAXIM-MAX15091 Datasheet
867Kb / 15P
Solution with Current Report Output
Rev 1; 9/13
logo
List of Unclassifed Man...
701269-WL4-MB ETC2-701269-WL4-MB Datasheet
228Kb / 1P
High output white solution
logo
Hamamatsu Corporation
L11767 HAMAMATSU-L11767_15 Datasheet
188Kb / 4P
High output power red emitting diode
logo
OptoDiode Corp
OD-624L OPTODIODE-OD-624L_18 Datasheet
123Kb / 3P
High Output Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com