Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX606 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX606
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX606 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX606 Datasheet HTML 1Page - Maxim Integrated Products MAX606 Datasheet HTML 2Page - Maxim Integrated Products MAX606 Datasheet HTML 3Page - Maxim Integrated Products MAX606 Datasheet HTML 4Page - Maxim Integrated Products MAX606 Datasheet HTML 5Page - Maxim Integrated Products MAX606 Datasheet HTML 6Page - Maxim Integrated Products MAX606 Datasheet HTML 7Page - Maxim Integrated Products MAX606 Datasheet HTML 8Page - Maxim Integrated Products MAX606 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.3V, GND = PGND = FB = 0V, SHDN = IN, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +6V
LX, OUT to GND .....................................................-0.3V to +15V
PGND to GND.....................................................................±0.3V
FB to GND ..................................................-0.3V to (VCC + 0.3V)
SS, SHDN to GND ....................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature .......................................................+160°C
Lead Temperature (soldering, 10sec) .............................+300°C
VIN = 3V to 5.5V. For VFB below this voltage,
output regulates to 12V.
VSHDN = 0 or VIN
3V < VIN < 5V, FB = IN, ILOAD = 0 to 180mA
VIN = 5.5V
VIN = 3V
2V < (VOUT + 0.5V - VIN) < 8V (see Pulse-
Frequency-Modulation Control Scheme section)
3V < VIN < 5.5V
(tON = K / VIN)
VOUT = 13V
VSHDN = VIN, VSS = 150mV
VSHDN = 0, OUT = IN
VLX = 12V
4.5V < VIN < 5.5V, FB = GND, ILOAD = 0 to 120mA
0.1V < VFB < (VIN - 0.1V)
0.1V < VFB < (VIN - 0.1V)
VOUT = 13V
VIN = 3V to 5.5V
VSHDN = VSS = 0
CONDITIONS
V
0.1
FB Input Low Voltage
µA
±1
SHDN Input Current
V
0.66VIN
SHDN Input High Voltage
V
0.25VIN
SHDN Input Low Voltage
0.3
0.7
Switch Off-Time Ratio
3.8
6.0
8.6
µs-A
1.9
3.0
4.3
Switch On-Time Constant (K)
µA
80
OUT Input Current
µA
0.01
10
Shutdown Quiescent Current
150
300
µA
250
500
Quiescent Supply Current
0.5
V
4.8
5.0
5.2
Output Voltage (Note 1)
V
2.4
2.8
V
3.0
5.5
Supply Voltage
Undervoltage Lockout Threshold
k
Ω
30
45
60
SS Resistance
A
0.7
1.1
Switch Current Limit
µA
10
Switch Off-Leakage
Ω
0.4
1
Switch On-Resistance
11.5
12.0
12.5
V
1.96
2.00
2.04
FB Regulation Setpoint
V
VIN
12.5
Adjustable Output Voltage Range
%
0.5
Line Regulation
UNITS
MIN
TYP
MAX
PARAMETER
VIN = 3V to 5.5V. For VFB above this voltage,
output regulates to 5V.
V
VIN - 0.1
FB Input High Voltage
VFB = 2.05V, VOUT = 13V
nA
200
FB Input Current
MAX606
MAX607
MAX606
MAX607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com