Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

701499-R-Size Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 701499-R-Size
Description  Flexible LED tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

701499-R-Size Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  701499-R-Size Datasheet HTML 1Page - List of Unclassifed Manufacturers 701499-R-Size Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FlexiBRITE
Flexible LED tubing
Add that “neon look” to any LED-lit sign with the world’s first completely flexible LED
tubing. FlexiBRITE is field bendable making it easy to create an endless array of profiles,
contours, and patterns on the fly. Ideal for exterior and interior lighting applications such as
sign perimeters, letters, symbols, accent stripes, borders, and open-face channel letters.
• Extremely flexible LED tubing
• Daytime color for red and neutral for other colors
• Optically modified silicone extrusion: UV stable, hydrocarbon insensitive, and non-fading
• Convenient mounting clips and mounting tracks
• Can be cut in the field
Specifications
Part number
Red Kit
701499-R-Size
Orange Kit
701499-O-Size
Yellow Kit
701499-Y-Size
Green Kit
701499-G-Size
Blue Kit
701499-B-Size
Dimensions
Width
0.6 in
Base width
0.5 in
Height
1.0 in
Lengths
2 ft, 10 ft
In-field bends
Radial bend
12 in
Flat bend
1 in
Operating temperature
-40° C to +70° C
Protection class
IP66
Power per foot
2.8 W
Power capacity
20 ft per SloanLED 60 W 12 VDC power supply
Colors
Red, Orange, Yellow, Green, Blue
Mounting
Mounting Clips
701572-25
Mounting Track
701456-10
Packaging
2-foot or 10-foot kit with end caps and mounting clips
Mounting Clip&Track
701572-25
701456-10


Similar Part No. - 701499-R-Size

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7014 BOURNS-7014 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Alpha Wire
7014 ALPHAWIRE-7014 Datasheet
406Kb / 4P
18 (19/30) AWG Tinned Copper
logo
Mitutoyo America Corpor...
7014 MITUTOYO-7014 Datasheet
88Kb / 1P
STANDS & WORKHOLDINGS
logo
PCE Instruments.
7014-6 PCE-7014-6 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
7014-9 PCE-7014-9 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
More results

Similar Description - 701499-R-Size

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
logo
3M Electronics
SFTW-203 3M-SFTW-203 Datasheet
13Kb / 2P
Tubing Very Flexible Polyolefin
Mar-1997
logo
Ningbo Foryard Optoelec...
FYSH-3528UXC-60-24V-WW8 FORYARD-FYSH-3528UXC-60-24V-WW8 Datasheet
1Mb / 5P
Monocolor Flexible SMD LED
FYSH-3528UXC-66-12V-WW8 FORYARD-FYSH-3528UXC-66-12V-WW8 Datasheet
1Mb / 5P
Monocolor Flexible SMD LED
logo
Tyco Electronics
RT-1116 MACOM-RT-1116 Datasheet
67Kb / 7P
Thermofit DR-25 Tubing Elastomeric, Fluid Resistant, Abrasion Resistant, Flexible, Heat-Shrinkable
logo
List of Unclassifed Man...
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
Flexible LED Light Strip
701361-X ETC2-701361-X Datasheet
713Kb / 2P
Large-profile LED tubing
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com