Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX608 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX608
Description  5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX608 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX608 Datasheet HTML 1Page - Maxim Integrated Products MAX608 Datasheet HTML 2Page - Maxim Integrated Products MAX608 Datasheet HTML 3Page - Maxim Integrated Products MAX608 Datasheet HTML 4Page - Maxim Integrated Products MAX608 Datasheet HTML 5Page - Maxim Integrated Products MAX608 Datasheet HTML 6Page - Maxim Integrated Products MAX608 Datasheet HTML 7Page - Maxim Integrated Products MAX608 Datasheet HTML 8Page - Maxim Integrated Products MAX608 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Supply Current
5V or Adjustable, Low-Voltage,
Step-Up DC-DC Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
OUT to GND.............................................................-0.3V, 17V
EXT, CS, REF, SHDN, FB to GND ...............-0.3V, (VOUT + 0.3V)
GND to AGND.............................................................0.1V, -0.1V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VOUT = 5V, ILOAD = 0mA, TA = -40°C to +85°C where indicated. TA = -25°C to +85°C for all other limits. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
85
110
µA
Output Voltage (Note 3)
V
VIN = 2.0V to 5.0V,
over full load range,
circuit of Figure 2a
4.825
5.0
5.175
7
mV/V
60
mV/A
Maximum Switch On-Time
tON(max)
12
16
20
µs
Minimum Switch Off-Time
tOFF(min)
1.8
2.3
2.8
µs
%
Reference Voltage
IREF = 0µA
TA = -25°C to +85°C
1.4625
1.5
1.5375
V
TA = -40°C to +85°C (Note 1)
1.4475
1.5525
Output Voltage Line
Regulation (Note 4)
Output Voltage Load
Regulation (Note 4)
VOUT = 16.5V,
SHDN
≤ 0.4V
Minimum Start-Up Voltage
No load
1.6
1.8
V
TA = -25°C to +85°C
1.8
16.5
TA = -40°C to +85°C (Note 1)
1.9
16.5
Input Voltage Range
(Note 2)
V
Efficiency
87
REF Load Regulation
-4
10
mV
0µA
≤ IREF ≤ 100µA
3V
≤ VOUT ≤ 16.5V
40
100
FB Trip Point Voltage
(Note 5)
VFB
TA = -25°C to +85°C
1.4625
1.5
1.5375
V
TA = -40°C to +85°C (Note 1)
1.4475
1.5525
VOUT = 1.8V to 16.5V
1.6
µV/V
REF Line Regulation
VIN = 4V, VOUT = 5V, ILOAD = 500mA,
circuit of Figure 2a
VIN = 2V, VOUT = 5V, ILOAD = 0mA to 500mA,
circuit of Figure 2a
VIN = 2.7V to 4.0V, VOUT = 5V, ILOAD = 500mA,
circuit of Figure 2a
TA = -25°C to +85°C
TA = -25°C to +85°C
120
TA = -40°C to +85°C (Note 1)
VOUT = 10V,
SHDN
≥ 1.6V
25
µA
TA = -25°C to +85°C
10
TA = -40°C to +85°C (Note 1)
TA = -40°C to +85°C (Note 1)
4.800
5.0
5.200
VREF
VIH
SHDN Input High Voltage
V
VIL
SHDN Input Low Voltage
V
VOUT = 1.8V to 16.5V
0.4
SHDN Input Current
IIN
VOUT = 16.5V, SHDN = 0V or 16.5V
±1
µA
FB Input Current
IFB
TA = -25°C to +85°C
-4
±20
nA
TA = -40°C to +85°C (Note 1)
±40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com