Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7841F Datasheet(PDF) 17 Page - Texas Instruments

Part # ISO7841F
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841F Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7841F Datasheet HTML 13Page - Texas Instruments ISO7841F Datasheet HTML 14Page - Texas Instruments ISO7841F Datasheet HTML 15Page - Texas Instruments ISO7841F Datasheet HTML 16Page - Texas Instruments ISO7841F Datasheet HTML 17Page - Texas Instruments ISO7841F Datasheet HTML 18Page - Texas Instruments ISO7841F Datasheet HTML 19Page - Texas Instruments ISO7841F Datasheet HTML 20Page - Texas Instruments ISO7841F Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
ISO7841, ISO7841F
www.ti.com
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
8.3.1.2 Insulation Characteristics
PARAMETER(1)
TEST CONDITIONS
SPECIFICATION
UNIT
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
21
μm
1500
VRMS
VIOWM
Maximum isolation working voltage
Time dependent dielectric breakdown (TDDB) Test
2121
VDC
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VTEST = VIOTM
VIOTM
Maximum transient isolation voltage
t = 60 sec (qualification)
8000
VPK
t= 1 sec (100% production)
Test method per IEC 60065, 1.2/50 µs waveform,
VIOSM
Maximum surge isolation voltage
8000
VPK
VTEST = 1.6 x VIOSM = 12800 VPK (qualification)
VIORM
Maximum repetitive peak isolation voltage
2121
VPK
Method a, After Input/Output safety test subgroup
2/3,
2545
VPR = VIORM x 1.2, t = 10 s,
Partial discharge < 5 pC
Method a, After environmental tests subgroup 1,
VPR
Input-to-output test voltage
VPK
VPR = VIORM x 1.6, t = 10 s,
3394
Partial Discharge < 5 pC
Method b1,
VPR = VIORM x 1.875, t = 1 s (100% Production test)
3977
Partial discharge < 5 pC
RS
Isolation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
UL 1577
VTEST = VISO = 5700 VRMS, t = 60 sec
(qualification),
VISO
Withstanding isolation voltage
5700
VRMS
VTEST = 1.2 x VISO = 6840 VRMS, t = 1 sec (100%
production)
(1)
Climatic Classification 55/125/21
8.3.1.3 IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
I
Rated mains voltage
≤ 600 VRMS
I–IV
Installation classification
Rated mains voltage
≤ 1000 VRMS
I–III
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com