Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82CXXG-AB3-E-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 82CXXG-AB3-E-R
Description  VOLTAGE DETECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82CXXG-AB3-E-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 82CXXG-AB3-E-R Datasheet HTML 4Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 5Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 6Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 7Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 8Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 9Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 10Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 11Page - Unisonic Technologies 82CXXG-AB3-E-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R502-057.J
TYPICAL CHARACTERISTICS
82N34
TA=25°C
0
12
0
1
2
Output Voltage vs. Input Voltage
Input Voltage, VIN(V)
3
3
4
4
04
2.5
6
2
8
10
0
3.0
3.5
2.0
1.5
Input Voltage, VIN (V)
0.5
1.0
TA=25°C
Supply Current vs. Input Voltage
0
1.5
2.5
0.5
3.0
0
32.115
24
16
8
VDS (V)
TA=25°C
2.0V
2.5V
N-ch Driver Output vs. VDS
2.0
VIN=3.0V
1.5V
1.0
N-ch Driver Output vs. VDS
0
0.4
500
0.2
0.6
0.8
0
400
300
1.0
VDS (V)
100
200
VIN=0.8V
0.7V
TA=25°C
600
0
12
3
Input Voltage, VIN (V)
4
VDS=0.5V
12
0
16
20
8
4
TA=25°C
Driver Output Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com