Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX613 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX613
Description  Dual-Slot PCMCIA Analog Power Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX613 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX613 Datasheet HTML 1Page - Maxim Integrated Products MAX613 Datasheet HTML 2Page - Maxim Integrated Products MAX613 Datasheet HTML 3Page - Maxim Integrated Products MAX613 Datasheet HTML 4Page - Maxim Integrated Products MAX613 Datasheet HTML 5Page - Maxim Integrated Products MAX613 Datasheet HTML 6Page - Maxim Integrated Products MAX613 Datasheet HTML 7Page - Maxim Integrated Products MAX613 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dual-Slot PCMCIA
Analog Power Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCCIN = +5V, VPPIN = +12V, TA = TMIN to TMAX, unless otherwise noted.)
AVPP SWITCH RESISTANCE
(12V MODE)
1.0
10.0
VPPIN (V)
1.4
1.8
2.2
2.6
10.5
11.0
11.5
12.0
12.5
13.0
13.5
+125°C
+85°C
+25°C
-55°C
VCCIN = +5.0V
AVPP0 = 0V
AVPP1 = +5.0V
AVPP SWITCH RESISTANCE
(5V MODE)
10
2.0
VCCIN (V)
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
30
50
70
90
110
VPPIN = +12.0V
AVPP1 = 0V
AVPP0 = VCCIN
+125°C
+25°C
-55°C
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
AVPP, BVPP Switch Resistance
VPPIN = 11.4V, 0mA < ILOAD < 120mA (12V mode)
1.60
2.45
VCCIN = 4.5V, 0mA < ILOAD < 1mA (5V mode)
30
50
VPPIN = 11.4V, 0mA < ILOAD < 1mA (0V mode)
135
300
DRV, DRV3, DRV5 Leakage Current
High-impedance mode
175
nA
DRV, DRV3, DRV5 Output Voltage Low
ILOAD = 1mA
0.1
0.4
V
Logic Input Leakage Current
1
µA
Logic Input High
2.4
V
Logic Input Low
0.8
V
_VCC_ to DRV_ Propagation Delay
50
ns
CVPPIN = 1µF, AVPP0 = AVPP1, CAVPP = 0.1µF
AVPP SWITCHING 5V TO 12V
+5V
AVPP1
+5V
1
µs/div
0V
+12V
AVPP
CVPPIN = 1µF, AVPP0 = AVPP1, CAVPP = 0.1µF
AVPP SWITCHING 12V TO 5V
+5V
AVPP1
+5V
2
µs/div
0V
+12V
AVPP
Ω
UNITS
DC CHARACTERISTICS
LOGIC SECTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com