Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82CXXG-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 82CXXG-AF5-R
Description  VOLTAGE DETECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82CXXG-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  82CXXG-AF5-R Datasheet HTML 1Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 2Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 3Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 4Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 5Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 6Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 7Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 8Page - Unisonic Technologies 82CXXG-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 12
www.unisonic.com.tw
QW-R502-057.J
MARKING CODE FOR SOT-23/SOT-25
DETECT VOLATGE
DETECT VOLATGE
PART
NUMBER
VOLTAGE
CODE
MARKING
CODE
PART
NUMBER
VOLTAGE
CODE
MARKING
CODE
82N10
1.0V
10
N10
82N36
3.6V
36
N36
82N11
1.1V
11
N11
82N37
3.7V
37
N37
82N12
1.2V
12
N12
82N38
3.8V
38
N38
82N13
1.3V
13
N13
82N39
3.9V
39
N39
82N14
1.4V
14
N14
82N40
4.0V
40
N40
82N15
1.5V
15
N15
82N41
4.1V
41
N41
82N16
1.6V
16
N16
82N42
4.2V
42
N42
82N17
1.7V
17
N17
82N43
4.3V
43
N43
82N18
1.8V
18
N18
82N44
4.4V
44
N44
82N19
1.9V
19
N19
82N45
4.5V
45
N45
82N20
2.0V
20
N20
82N46
4.6V
46
N46
82N21
2.1V
21
N21
82N47
4.7V
47
N47
82N22
2.2V
22
N22
82N48
4.8V
48
N48
82N23
2.3V
23
N23
82N49
4.9V
49
N49
82N24
2.4V
24
N24
82N50
5.0V
50
N50
82N25
2.5V
25
N25
82N51
5.1V
51
N51
82N26
2.6V
26
N26
82N52
5.2V
52
N52
82N27
2.7V
27
N27
82N53
5.3V
53
N53
82N28
2.8V
28
N28
82N54
5.4V
54
N54
82N29
2.9V
29
N29
82N55
5.5V
55
N55
82N30
3.0V
30
N30
82N56
5.6V
56
N56
82N31
3.1V
31
N31
82N57
5.7V
57
N57
82N32
3.2V
32
N32
82N58
5.8V
58
N58
82N33
3.3V
33
N33
82N59
5.9V
59
N59
82N34
3.4V
34
N34
82N60
6.0V
60
N60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com