Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51494L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 51494L-S16-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

51494L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  51494L-S16-R Datasheet HTML 1Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 2Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 3Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 4Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
51494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R103-005.Ba
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT SECTION
Collector Off-State Current
IC(OFF)
VCC=VC=40V,VE=0
2
100
μA
Emitter Off-State Current
IE(OFF)
VCC=VC=40V,VE=0
-100
μA
Output Saturation Voltage Common-Emitter
VCE(SAT) VE=15V, LC=200mA
1.1
1.3
V
OUTPUT CONTROL (pin13)
Standby Power Supply Current
ICC
6
10
mA
Output AC Characteristic
Raise Time Common-Emitter
TR
100
200
ns
Fall Time Common-Emitter
TR
25
100
ns
PWM COMPARATOR SECTION
Inhibit Threshold Voltage
VTHI
Zero Duty cycle
4
4.5
V
Output Source Current
IO+
0.5V < V3 < 3.5V
2
mA
Output Sink Current
IO-
0.5V < V3 < 3.5V
-0.2
-0.6
mA
POWER GOOD SECTION
Power Good Delay Time
tPD
CD = 1μF
230
280
330
ms
CD = 0.47μF
108
130
160
Power Fail Lead Time
TP1
4
ms
Output High Voltage
VOH
VPINN = 5V, IL = 1mA
4.75
V
Output Saturation Voltage
VSAT
VPINN = 5V, ISINK = 4mA
0.4
V
Output Leakage Current
IOH
100
μA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein .
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. The information presented in
this document does not form part of any quotation or contract , is believed to be accurate and reliable
and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com