Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51494G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 51494G-S16-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

51494G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  51494G-S16-R Datasheet HTML 1Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 2Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 3Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 4Page - Unisonic Technologies 51494G-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
51494
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., LTD
QW-R103-005.Ba
DESCRIPTION
The UTC 51494 is a monolithic bipolar integrate circuit that
provides same 494 function and built in power good signal
circuit for easy using 51494 can be easily implemented by
just adding a capacitor.
FEATURES
* Fully integrated with compact 16-pin dip
* All necessary functions included for most popular half bridge
circuit.
* Built-in power good delay and power fail lead function.
* Power good delay time is linearly.
* Proportional to external capacitor value.
* Reduced external components for cost down and
components for cost down and compact size.
DIP-16
SOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
51494L-S16-R
51494G-S16-R
SOP-16
Tape Reel
51494L-S16-T
51494G-S16-T
SOP-16
Tube
51494L-D16-T
51494G-D16-T
DIP-16
Tube


Similar Part No. - 51494G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
51494G-S16-R UTC-51494G-S16-R Datasheet
171Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - 51494G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com