Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2800G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L2800G-P08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2800G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L2800G-P08-R Datasheet HTML 1Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 2Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 3Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 4Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 5Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 6Page - Unisonic Technologies L2800G-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L2800
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-030.C
ELECTRICAL CHARACTERISTICS (TA=25C, VCC=+2V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
CIRCUIT TO PREVENT MALFUNCITION AT LOW INPUT OLTAGE (U.V.L.O)
Reset Voltage
VR
0.9
V
Threshold Voltage
VTH
1.1
1.3
1.5
V
Soft Start
Charging Current
ICS
VSCP=0V
-1.5
-1.0
-0.7
μA
Voltage at soft start completion
VTS
0.7
0.8
0.9
V
Short Circuit Detection(S.C.P.)
Charging Current
ICPC
VSCP=0V
-1.5
-1.0
-0.7
μA
Threshold Voltage
VTPC
0.7
0.8
0.9
V
SAWTOOTH WAVE OSCILLATOR(OSC)
Oscillation Frequency
fOSC
RT=3.0kΩ, CT=270pF
400
500
600
kHz
Frequency Input Stability
fDV
VCC=2V ~ 15V
2
10
%
Frequency Variation With Temperature
fDT
TA=-30C ~ +85C
5
%
ERROR AMPLIFIER
Input Threshold Voltage
VT
VFB=450mV
480
500
520
mV
VT Input Stability
VTDV
VCC=2V ~ 15V
5
20
mV
VT Variation With Temperature
VTDT
TA= -30C ~ +85C
1
%
Input Bias Current
IB
VIN=0V
-1.0
-0.2
1.0
μA
Voltage Gain
Av
70
100
145
V/V
Frequency Bandwidth
BW
AV=0dB
6
MHz
Maximum Output Voltage Range
VOM
+
0.78
0.87
V
VOM
-
0.05
0.2
V
Output Source Current
IOM
+
VFB=0.45V
-40
-24
μA
Output Sink Current
IOM
-
24
40
μA
IDLE PERIOD ADJUSTMENT SECTION
Maximum Duty Cycle
tDUTY
RT=3.0kΩ, CT=270pF, VFB=0.8V
65
75
85
%
OUTPUT SECTION
Output Voltage
VOH1
RB=390Ω, IO=-15mA
1.0
1.2
V
VOH2
RB=750Ω, VCC=1.8V, Io= -10mA
0.8
1.0
V
VOL1
RB=390Ω, IO=15mA
0.1
0.2
V
VOL2
RB=750Ω, VCC=1.8V, Io=10mA
0.1
0.2
V
Output Source Current
IO
+
RB=390Ω, VO=0.9V
-30
-20
mA
Output Sink Current
IO
-
RB=390Ω, VO=0.3V
30
60
mA
Pull Down Resistance
RO
20
30
40
kΩ
OUTPUT CURRENT SETTING SECTION/CONTROL SECTION
Pin Voltage
VBR
RB=390Ω
0.2
0.3
0.4
V
Input Off Condition
IOFF
-20
0
μA
Input On Condition
ION
-45
μA
Pin Current Range
IBR
-1.8
-0.1
mA
ENTIRE DEVICE
Stand-by Current
ICCS
BR/CTL pin open or VCC
1
μA
Average Supply Current
ICC
RB=390Ω
5.5
9.3
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com