Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX618EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX618EEE
Description  28V, PWM, Step-Up DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX618EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX618EEE Datasheet HTML 1Page - Maxim Integrated Products MAX618EEE Datasheet HTML 2Page - Maxim Integrated Products MAX618EEE Datasheet HTML 3Page - Maxim Integrated Products MAX618EEE Datasheet HTML 4Page - Maxim Integrated Products MAX618EEE Datasheet HTML 5Page - Maxim Integrated Products MAX618EEE Datasheet HTML 6Page - Maxim Integrated Products MAX618EEE Datasheet HTML 7Page - Maxim Integrated Products MAX618EEE Datasheet HTML 8Page - Maxim Integrated Products MAX618EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
28V, PWM, Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +6V, PGND = GND, CVL = 4.7µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +30V
LX to GND ..............................................................-0.3V to +30V
VL to GND ................................................................-0.3V to +6V
SHDN, COMP, FB to GND ............................-0.3V to (VL + 0.3V)
PGND to GND.....................................................................±0.3V
Continuous Power Dissipation (TA = +70°C) (Note 1)
16-Pin QSOP (derate 15mW/°C above +70°C)...................1W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: With part mounted on 0.9 in.2 of copper.
Shutdown Supply Current
IIN
38
µA
VIN = 28V, VFB = 1.6V, SHDN = GND
Maximum Duty Cycle
DC
90
95
%
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
VL Output Voltage
VVL
2.9
3.05
3.2
V
Supply Current, Full Load
IIN
2.5
3.5
mA
Supply Current, Full Load, VL
Connected to IN
IIN
5
6.5
mA
VL Load Regulation
∆VVL
25
40
mV
VL Undervoltage Lockout
2.58
2.7
2.8
V
FB Set Voltage
VFB
1.47
1.5
1.53
V
FB Input Bias Current
IFB
150
nA
Supply Current, No Load
Input Voltage
VIN
328
V
IIN
500
700
µA
Line Regulation
∆VOUT
0.01
0.08
%/V
Load Regulation
∆VOUT
0.2
%
LX Voltage
VLX
28
V
LX Switch Current Limit
ILXON
1.7
2.2
2.7
A
Idle Mode Current-Limit
Threshold
0.25
0.35
0.45
A
LX On-Resistance
RLXON
0.3
0.6
Ω
LX Leakage Current
ILXOFF
0.02
10
µA
COMP Maximum Output Current
ICOMP
100
200
µA
COMP Current vs. FB Voltage
Transconductance
0.8
1
mmho
SHDN Input Logic Low
VIL
0.8
V
SHDN Input Logic High
VIH
2.0
V
Shutdown Input Current
1
µA
Switching Frequency
f
200
250
300
kHz
CONDITIONS
VIN = 3V to 6V, VOUT = 12V
VIN = 3.5V or 28V, no load
VOUT = 12V, ILOAD = 10mA to 500mA
VIN = 3.4V to 28V, VFB = 1.4V, SHDN = VL,
VVL < VIN
VIN = 3V to 5.5V, VFB = 1.4V, SHDN = VL = IN
ILOAD = 0 to 2mA, VFB = 1.6V
Rising edge, 1% hysteresis
PWM mode
VFB = 1.6V
VLX = 28V
FB = GND
VIN = 3V to 28V, VFB = 1.6V, SHDN = VL
∆FB = 0.1V
SHDN = GND or VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com