Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063AG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC34063AG-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063AG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC34063AG-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34063AG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC34063A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R103-008.K
STEP-UP CONVERTER
170μH
1N5819
180
8
L
1
2
3
4
CT
7
6
5
RSC 0.22
VIN12V
1500pF
1.25V
REF REG
Q1
Q2
CT
OSC
IPK
VCC
Comp.
100
+
+
-
SQ
R
R2
47k
2.2k
R1
330
CO
+
VOUT
28V/175mA
100
+
VOUT
1.0μH
Optional Filter
TEST
CONDITIONS
RESULTS
Line Regulation
VIN = 8.0V ~ 16V, IOUT = 175mA
30mV = ±0.05%
Load Regulation
VIN = 12V, IOUT = 75mA ~ 175mA
10mV = ±0.017%
Output Ripple
VIN = 12V, IOUT = 175mA
400mVP-P
Efficiency
VIN = 12V, IOUT = 175mA
87.7%
Output Ripple With Optional Filter
VIN = 12V, IOUT = 175mA
40mVP-P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com