Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3515L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # S3515L-S14-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3515L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  S3515L-S14-R Datasheet HTML 1Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 2Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 3Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 4Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 5Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 6Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 7Page - Unisonic Technologies S3515L-S14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S3515
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-073,B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.3 ~ 16
V
Input Voltage (PSON, VS33, VS5, PGI)
VIN
-0.3 ~ 8
V
-0.3 ~ 16
Output Voltage (FPO)
VOUT
-0.3 ~ 8
V
Power Dissipation (PGO)
PD
400
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.
Stresses above those listed may cause permanent damage to the device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
4 ~ 15
V
Input Voltage (PSON, VS33, VS5, IS33, IS5, PGI)
7
Input Voltage (VS12,VS12B, IS12)
VIN
15
V
FPO
15
Output Voltage
PGO
VOUT
7
V
FPO
20
Output Sink Current
PGO
IO(SINK)
10
mA
Supply Voltage Rising Time (Note)
tR
1
mS
Output Current RI
IRI
12.5 ~ 62.5
µA
Note VDD rising and falling slew rate must be less than 14V/mS.
ELECTRICAL CHARACTERISTICS (VDD=12V, TA=25°C)
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDER-VOLTAGE AND PGI, PGO
Input Threshold Voltage PGI
VPGI
1.1
1.15
1.2
V
Under-voltage protect VS33
2.6
2.8
3.0
Under-voltage protect VS5
4.0
4.2
4.4
Under-voltage protect VS12, VS12B
VUVp
9.4
9.9
10.4
V
Low Level Output Voltage (PGO)
VOL
VDD = 12V ISINK =10mA
0.7
V
Leakage Current (PGO)
ILEAK
PGO = 5V
5
μA
Under-voltage Enable Delay Time
49
75
114
mS
Timing PG Delay
PGI to PGO
tPG
200
300
450
mS
Noise Deglitch Time
PGI to PGO
150
250
350
μS
Timing UVP to Protection (FPO)
TUVP
VS33,VS5, VS12,VS12B
73
μS
OVER-VOLTAGE AND OVER-CURRENT PROTECTION
Over-Voltage Protection
VS33
3.7
3.9
4.1
Over-Voltage Protection
VS5
5.7
6.1
6.5
Over-Voltage Protection
VS12, VS12B
VOVP
13.2
13.8
14.4
V
Ratio of Current Sense Sink Current to Current
Sense Setting Pin (RI) Source Current
IREF
RI = 30 ΚΩ,
0.1% Resistor
7.6
8
8.4
Current Source Reference Voltage
VREF
1.1
1.15
1.2
V
OCP Comparator Input Offset Voltage
VI(OFF)
-5
5
mV
Low Level Output Voltage (FPO)
VOL
ISINK =20mA
0.7
V
Leakage Current (FPO)
ILEAK
V(FPO) = 5V
5
µA
Timing OVP to Protection
TOVP
73
μS
Timing OCP to Protection
TOCP
73
μS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com