Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3525L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # S3525L-S14-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S3525L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  S3525L-S14-R Datasheet HTML 1Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 2Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 3Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 4Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 5Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 6Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 7Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 8Page - Unisonic Technologies S3525L-S14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
S3525
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-105.B
PC POWER SUPPLY
SUPERVISOR
DESCRIPTION
The UTC S3525 is specially designed for switching power supply
system. it provides protection circuits, power good output (PGO)
indicator, fault protection output (FPOB) and a PSONB control.
The protection circuits include over voltage protection (OVP),
under voltage protection (UVP) and over current protection (OCP)
monitoring for system voltages and currents.
When 3.3V, 5V or 12V voltage is decreasing to 2.68V, 4.3V and
9.9V respectively, the under voltage protection (UVP) function will be
enabled. FPOB will be set to high to turn off the PWM controller IC.
Toggling the PSONB from low to high will reset the fault protection
latch.
The voltage difference across external current shunt is used for
OCP functions. An external resistor can be used to adjust protection
threshold.
The power supply is turned on after 38mS delay time when
PSONB signal is set from high to low. To turn off power supply,
PSONB signal is set from low to high with the delay time 38mS. The
PGI circuitry provides a power-down warning signal for PGO. When
PGI input is lower than the internal 1.20V reference voltage, PGO
signal is pulled low.
FEATURES
* OVP/UVP monitors 3.3V, 5V, 12V input voltage level.
* OCP monitors IS33, IS5, IS12 input current sense.
* Fault protection output (FPOB) with Open Drain Output stage.
* Power good output (PGO) with Open Drain Output stage.
* 38ms de-bounce time for PSONB input signal.
* 300ms time delay from PGI to PGO.
* 2.4ms time delay for PSONB to turn off FPOB.
ORDERING INFORMATION
Ordering Number
Lead Free Plating
Halogen Free
Package
Packing
S3525L-D14-T
S3525G-D14-T
DIP-14
Tube
S3525L-S14-R
S3525G-S14-R
SOP-14
Tape Reel
S3525L-S14-T
S3525G-S14-T
SOP-14
Tube


Similar Part No. - S3525L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S3525L-S14-R UTC-S3525L-S14-R Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
S3525L-S14-R UTC-S3525L-S14-R Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
More results

Similar Description - S3525L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3515A UTC-3515A Datasheet
239Kb / 9P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_12 Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3527L-D16-T UTC-S3527L-D16-T Datasheet
249Kb / 6P
PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com