Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1451G-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL1451G-P16-R
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL1451G-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL1451G-P16-R Datasheet HTML 1Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 2Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 3Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 4Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 5Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 6Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 7Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 8Page - Unisonic Technologies TL1451G-P16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TL1451
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 14
www.unisonic.com.tw
QW-R103-011.F
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Section
Frequency
F
CT=330pF, RT=10kΩ
200
kHz
Standard deviation of frequency
CT=330pF, RT=10kΩ
10%
Frequency Change with Voltage
Vcc=3.6V ~ 40V
1%
TA=-20C ~ 25C
-0.4
2
Frequency Change with Temperature
TA=25C ~ 85C
-0.2
2
%
Dead-Time Control Section
Input bias Current (DTC)
IIN(BIAS)
1
μA
Latch mode (source) Current (DTC)
-80
-145
μA
Latched Input Voltage (DTC)
VIN
IOUT=40A
2.3
V
Zero duty cycle
2.05
2.25
Input threshold Voltage at f=10kHz (DTC)
VIN(THR)
Maximum duty cycle
1.2
1.45
V
Error-Amplifier Section
Input Offset Voltage
VIN(OFF)
VOUT (FEEDBACK)=1.25V
6
mV
Input Offset Current
IIN(OFF)
VOUT (FEEDBACK)=1.25V
100
nA
Input Bias current
IIN(BIAS)
VOUT (FEEDBACK)=1.25V
160
500
nA
Common-Mode Input Voltage Range
VIN(CM)
Vcc=3.6V ~ 40V
1. 05~
1.45
V
Open-loop Voltage Amplification
RF=200kΩ
70
80
dB
Unity-gain Bandwidth
BG
1.5
MHz
Common-mode Rejection Ratio
RR
60
80
dB
Positive Output Voltage Swing
VOUT
Vref-0.1
V
Negative Output Voltage Swing
VOUT
1
V
Output (sink) Current (FEEDBACK)
IOUT(SIN)
VID=-0.1V, VOUT=1.25V
0.5
1.6
mA
Output (source) Current (FEEDBACK)
IOUT(SOU) VID=0.1V, VOUT=1.25V
-30
-40
μA
Output Section
Collector off-state Current
IOFF
VOUT=50V
10
μA
Output Saturation Voltage
VOUT(SAT) IOUT=10mA
1.2
2
V
Short-Circuit Output Current
IOUT(SHT) VOUT=6V
90
mA
PWM Comparator Section
Zero duty cycle
2.05
2.25
Input Threshold Voltage at f=10kHz
(FEEDBACK)
VI(THR)
Maximum duty cycle
1.2
1.45
V
TOTAL DEVICE
Standby Supply Current
ISTN-BY
Off-state
1.3
1.8
mA
Average Supply Current
RT=10kΩ
1.7
2.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com