Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5001G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TL5001G-S08-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TL5001G-S08-R Datasheet HTML 1Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 2Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 3Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 4Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 5Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 6Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 7Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 8Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 13
www.unisonic.com.tw
QW-R103-016.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 1)
VCC
41
V
Amplifier Input Voltage
VI(FB)
20
V
Output Voltage
VOUT
51
V
Output Current
IOUT
21
mA
Output Peak Current
IO(PEAK)
100
mA
Continuous Total Power Dissipation
See dissipation rating table
Operating Ambient Temperature Range
TOPR
-20 ~ +85
C
Storage Temperature Range
TSTG
-65 ~ +150
C
Note: 1. All voltage values are with respect to the network ground terminal.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DISSIPATION RATING TABLE
PACKAGE
TA≤25C
POWER RATING
DERATING FACTOR
ABOVE TA=25C
TA=70C
POWER RATING
TA=70C
POWER RATING
TA=70C
POWER RATING
DIP-8
1000mW
8.0mW/
C
640mW
520mW
200mW
SOP-8
725mW
5.8mW/
C
464mW
377mW
145mW
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VCC
3.6
40
V
Amplifier Input Voltage
VI(FB)
0
1.5
V
Output Voltage
VOUT
50
V
Output Current
IOUT
20
mA
COMP Source Current
45
μA
COMP dc Load Resistance
100
kΩ
Oscillator Timing resistor
RT
15
250
kΩ
Oscillator Frequency
fOSC
20
500
kHz
Operating Ambient Temperature Range
TA
-20
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com