Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U8021L-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U8021L-S14-R
Description  VOLTAGE MODE PWM CONTROLLER WITH LINEAR POWER REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8021L-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U8021L-S14-R Datasheet HTML 1Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 2Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 3Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 4Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 5Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U8021
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-A13.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
BST
Boost input for top gate drive bias.
2
OCS
Current limit setting.
3
COMP
Compensation PIN.
4
FB
Feedback voltage
5
LDOG
External LDO gate drive.
6
LDFB
External LDO feedback voltage.
7
GND
Ground.
8
VCC
Power supply.
9
NC
No Bonding.
10
DRV
Internal LDO output.
11
DL
Gate drive for low MOSFET.
12
GND
Ground.
13
PN
Phase PIN.
14
DH
Gate drive for high MOSFET.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com