Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2843BL-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC2843BL-S08-R
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2843BL-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC2843BL-S08-R Datasheet HTML 1Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 2Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 3Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 4Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 5Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 6Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 7Page - Unisonic Technologies UC2843BL-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC2843B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R103-048.D
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Low impedance source)
VCC
30
V
Analog Input Voltage (VFB and ISENSE)
VIN
-0.3~+6.3
V
Supply Current
ICC
30
mA
Error Amplifier Output Sink Current
IO(SINK)
10
mA
Output Current
IOUT
±1
A
Power Dissipation
SOP-8
PD
800
mW
DIP-8
1250
Output Energy (Capacitive load)
W
5
μJ
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltages are concerning the device GND terminal.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Ambient
SOP-8
θJA
156
C/W
DIP-8
100
C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
30
V
Input Voltage
RT/CT
VIN
0
5.5
V
VFB and ISENSE
0
5.5
V
Output Voltage (OUTPUT)
VOUT
0
30
V
Supply Current, Externally Limited
ICC
25
mA
Output Current
IOUT
200
mA
Reference Output Current
IO(REF)
-20
mA
Oscillator Frequency
fOSC
100
500
kHz
Operating Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS
(VCC=15V, RT =10kΩ, CT=3.3nF, TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
REFERENCE SECTION
Reference Output Voltage
VREF
IOUT =1mA, TJ =25°C
4.95
5
5.05
V
Line Regulation
∆VOUT
VCC = 12V~25V
6
20
mV
Load Regulation
∆VOUT
IOUT = 1mA~20mA
6
25
mV
Average Temperature Coefficient Of
Output Voltage
TS
0.2
0.4
mV/°C
Total Output Variation
VREF
VCC =12V~25V, IOUT =1mA~20mA
4.9
5.1
V
Output Noise Voltage
eN
f = 10Hz~10kHz, TJ =25°C
50
μV
Long Term Stability
TJ=25°C For 1000 hours
5
25
mV
Output Short Circuit Current
ISC
-30
-100
-180
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com