Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842GP-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3842GP-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842GP-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3842GP-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3842GP-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UC3842G
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R103-036.D
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP MAX UNIT
OUTPUT SECTION
Output Voltage With UVLO Active
VOL(UVLO)
VCC=6V,ISINK=0.1mA;
VCC=7.5V,ISINK=1mA
0.8
1.1
V
ISINK=20mA
0.1
0.4
V
VOL
ISINK=200mA
1.6
2.2
V
ISOURCE=20mA
13
14.5
V
Output Voltage
VOH
ISOURCE=200mA
12
14.6
V
tR
CL=1.0nF (Note 1)
100
150
Output Voltage Rise and Fall time
tF
CL=1.0nF (Note 1)
100
150
nS
UNDER VOLTAGE LOCKOUT SECTION
Startup Threshold
VTH(STAR-UP)
13.5
15
16.5
V
Min Operating Voltage
VOPR(MIN) After Turn-ON
8.5
10
11.5
V
PWM SECTION
Max Duty Cycle
DMAX
92
94
%
Minimum Duty Cycle
DMIN
0
%
TOTAL DEVICE
Power Supply Zener Voltage
VZ
ICC=25mA
30
39
V
Power Operating Supply Current
ICC
Note 2
7
10
mA
Startup Current
ISTART-UP VCC=14V, UVLO Active
15
40
μA
Notes: 1. These parameters, although guaranteed, are not 100% tested in production.
2. Parameters measured at trip point of latch with VFB=0.
3. Gain defined as: A=ΔVCOMP/ΔVCS; 0≤VCS≤0.8V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com