Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC92B99-__L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPC92B99-__L
Description  low power consumption, global input voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC92B99-__L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPC92B99-__L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
12.18.14
LPC92B series
0
20
40
60
AIR FLOW CFM
0.12
0.16
0.20
0.24
0.28
0.04
0.08
H
M
L
(92 x 92 x 25 mm)
3.62 x3.62 x 0.98 inches
Features:
low power consumption, global
input voltage
Operating voltage: 90 ~ 264 VAC
Construction:
magnesium die cast frame with
UL94V-0 plastic impeller
Bearing option:
motor quality ball bearings
Motor:
electronically comutated
Air Flow:
air exhaust over struts
Connection:
terminal type or lead wire
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
LPC92B99-__L
90 ~ 264
50/60
4.0
3,000
1.4
48
4.8
0.19
35
181
LPC92B99-__M
90 ~ 264
50/60
4.5
3,500
1.5
53
5.8
0.23
39
181
LPC92B99-__H
90 ~ 264
50/60
5.5
4,000
1.6
58
6.5
0.26
43
181
3.62 ±0.02
(92 ±0.5)
3.25 ±0.02
(82.5 ±0.5)
ø3.42
(86.9)
0.98 ±0.02
(25 ±0.5)
0.14 ±0.01
(3.5 ±0.3)
0.14 ±0.01
(3.5 ±0.3)
M4
ROTA
TION
L=12.20
(310)
Lead Wire
Terminal
8x-0.17
(4.2)
NOT IN CATALOG
- THIS AND BELOW -


Similar Part No. - LPC92B99-__L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC921F NXP-LPC921F Datasheet
238Kb / 46P
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
More results

Similar Description - LPC92B99-__L

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8551 BELLING-BL8551 Datasheet
941Kb / 12P
150mA CMOS High Input Voltage Low Consumption Regulator
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Solid State Optronic
SDD600 SSOUSA-SDD600_15 Datasheet
603Kb / 10P
Low input power consumption
logo
List of Unclassifed Man...
LPC12A99-__L ETC2-LPC12A99-__L Datasheet
412Kb / 1P
low power consumption, global input voltage
LPC12B99-__L ETC2-LPC12B99-__L Datasheet
385Kb / 1P
low power consumption, global input voltage
LPC15P12-__L ETC2-LPC15P12-__L Datasheet
397Kb / 1P
low power consumption, global input voltage
LPC80B99-__L ETC2-LPC80B99-__L Datasheet
410Kb / 1P
low power consumption, global input voltage
HP03S ETC2-HP03S Datasheet
200Kb / 7P
Low voltage, low power consumption
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
Ultralife Corporation.
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
Wide input voltage for global use
Rev: B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com