Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX629C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX629C/D
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX629C/D Datasheet HTML 3Page - Maxim Integrated Products MAX629C/D Datasheet HTML 4Page - Maxim Integrated Products MAX629C/D Datasheet HTML 5Page - Maxim Integrated Products MAX629C/D Datasheet HTML 6Page - Maxim Integrated Products MAX629C/D Datasheet HTML 7Page - Maxim Integrated Products MAX629C/D Datasheet HTML 8Page - Maxim Integrated Products MAX629C/D Datasheet HTML 9Page - Maxim Integrated Products MAX629C/D Datasheet HTML 10Page - Maxim Integrated Products MAX629C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
_______________________________________________________________________________________
7
Setting the Current Limit
External current-limit selection provides added control
over the MAX629’s output performance. A higher cur-
rent limit increases the amount of energy stored in the
inductor during each cycle, which provides a higher
output current capability. For higher output current
applications, choose the 500mA current-limit option by
connecting ISET to VCC. When lower output current is
required, the 250mA current limit can provide several
advantages. First, a smaller inductor can be used,
which saves board area and cost. Second, the smaller
energy transfer per cycle reduces output ripple for a
given capacitor, providing design flexibility between
board area, cost, and output ripple by allowing cheap-
er, higher-ESR capacitors. Connect ISET to GND to
select the 250mA current-limit option.
Inductor Selection
The MAX629’s high switching frequency allows for the
use of a small inductor. The 47µH inductor shown in the
Typical Operating Circuit is recommended for most
applications. Larger inductances reduce the peak
inductor current, but may limit output current capability
at low input voltages and provide slower start-up times.
Smaller inductances require less board space, but may
cause greater peak current due to current-sense com-
parator propagation delay. If input voltages below 2V
will be common, reducing the inductance to 22µH
might improve performance; however, maximum load
current and efficiency may decline. It is important to
thoroughly test operation under all input and output
conditions to ensure proper component selection.
Inductors with a ferrite core or equivalent are recom-
mended; powder iron cores are not recommended for
use with high switching frequencies. The inductor’s
incremental saturation rating must exceed the selected
current limit. For highest efficiency, use an inductor with
a low DC resistance (under 100m
Ω). See Table 1 for a
list of inductor suppliers.
Figure 3. -20V for a Negative LCD Bias
* FOR SINGLE-SUPPLY OPERATION
MAX629
SHDN
C1
10
µF
35V
C3
0.1
µF
L1
47
µH
R1
576k
1%
R2
35.7k
1%
D1
D1 = D2 = MBR0540L
D2
R3
2
Ω
C5
2.2
µF
C2
10
µF
35V
CF
150pF
C4
0.1
µF
VCC
+2.7V
TO +5.5V
VIN
+0.8V
TO +15V
VOUT
-20V
LX
VCC
GND
FB
REF
POL
ISET
*
Figure 2. +24V for a Positive LCD Bias
MAX629
SHDN
VOUT
+24V
VCC
+2.7V
TO +5.5V
VIN
+0.8V
TO +24V
* FOR SINGLE-SUPPLY OPERATION
*
C3
0.1
µF
C4
0.1
µF
C1
10
µF
35V
C2
10
µF
35V
CF
150pF
R1
576k
1%
R2
31.6k
1%
L1
47
µH
D1
MBR0540L
LX
VCC
GND
FB
ISET
REF
POL
*FOR SINGLE-SUPPLY OPERATION
*FOR SINGLE-SUPPLY OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com