Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4596G-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P4596G-SH2-R
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P4596G-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P4596G-SH2-R Datasheet HTML 1Page - Unisonic Technologies P4596G-SH2-R Datasheet HTML 2Page - Unisonic Technologies P4596G-SH2-R Datasheet HTML 3Page - Unisonic Technologies P4596G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P4596
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-064.b
PWM CONTROL 3A
STEP-DOWN CONVERTER
DESCRIPTION
The UTC P4596 consists of 3A step-down switching regulator
with PWM control which includes a reference voltage source,
oscillation circuit, error amplifier, internal PMOS and etc.
The UTC P4596 can provide low-ripple power, high efficiency,
and excellent transient characteristics and an enable function, an
over current protect function and a short circuit protect function
are built inside, And the PWM control circuit can vary the duty
ratio linearly from 100 down to 0%. This converter also includes
an error amplifier circuit as well as a soft-start circuit that prevents
overshoot at startup. These ICs can work as step-down switching
regulators with the addition of an internal P-channel Power MOS,
a coil and a diode connected externally. They provide such
outstanding features: low current consumption. It is also suitable
for the operation via an AC adapter because this converter can
accommodate an input voltage up to 40V.
FEATURES
* Input voltage
:8V~40V
* Duty ratio
:0%~100% PWM control
* Enable with Soft-Start function
* Oscillation frequency can be set by outside resistance
* Current Limit, SCP and OTP
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
P4596G-SH2-R
HSOP-8
Tape Reel
(1) R: Tape Reel
(2) SH2: HSOP-8
(3) G: Halogen Free and Lead Free
P4596G-SH2-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - P4596G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P4596G-SH2-R UTC-P4596G-SH2-R Datasheet
211Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596G-SH2-R UTC-P4596G-SH2-R Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results

Similar Description - P4596G-SH2-R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
PWM Control 3A Step-Down Converter
Rev. 1. 3 May 09, 2006
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
Rev 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com