Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2011PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2011PBF
Description  Floating channel designed for bootstrap operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011PBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2011PBF Datasheet HTML 1Page - International Rectifier IRS2011PBF Datasheet HTML 2Page - International Rectifier IRS2011PBF Datasheet HTML 3Page - International Rectifier IRS2011PBF Datasheet HTML 4Page - International Rectifier IRS2011PBF Datasheet HTML 5Page - International Rectifier IRS2011PBF Datasheet HTML 6Page - International Rectifier IRS2011PBF Datasheet HTML 7Page - International Rectifier IRS2011PBF Datasheet HTML 8Page - International Rectifier IRS2011PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
IRS2011(S)PBF
4
www.irf.com
© 2015 International Rectifier
April 14, 2015
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000pF and TA = 25°C unless otherwise specified. Figure 1 shows the timing
definitions.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
ton
Turn-on propagation delay
—
60
80
ns
VS = 0V
toff
Turn-off propagation delay
—
60
80
VS = 200V
tr
Turn-on rise time
—
25
40
tf
Turn-off fall time
—
15
35
DM1
Turn-on delay matching
| ton (H) - ton (L) |
—
—
20
DM2
Turn-off delay matching
| toff (H) - toff (L) |
—
—
20
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM and are applicable to all logic input leads: HIN and LIN. The VO and IO parameters are referenced to COM
and are applicable to the respective output leads: HO or LO.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
VIH
Logic “1” input voltage
2.5
—
—
V
VCC = 10V – 20V
VIL
Logic “0” input voltage
—
—
0.7
VOH
High level output voltage, VBIAS - VO
—
—
1.4
IO = 0A
VOL
Low level output voltage, VO
—
—
0.1
IO = 20mA
ILK
Offset supply leakage current
—
—
50
μA
VB = VS = 200V
IQBS
Quiescent VBS supply current
—
120
210
VIN = 0V or 3.3V
IQCC
Quiescent VCC supply current
—
200
300
IIN+
Logic “1” input bias current
—
3
10
VIN = 3.3V
IIN-
Logic “0” input bias current
—
—
5
VIN = 0V
VBSUV+
VBS supply undervoltage positive
going threshold
8.3
9.0
9.7
V
VBSUV-
VBS supply undervoltage negative
going threshold
7.5
8.2
8.9
VCCUV+
VCC supply undervoltage positive
going threshold
8.3
9.0
9.7
VCCUV-
VCC supply undervoltage negative
going threshold
7.5
8.2
8.9
IO+
Output high short circuit pulsed
current
—
1.0
—
A
VO = 0V,
PW ≤ 10 μs
IO-
Output low short circuit pulsed
current
—
1.0
—
VO = 15V
PW ≤ 10 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com