Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V855I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS93V855I
Description  Spread Spectrum tolerant inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS93V855I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS93V855I Datasheet HTML 1Page - Integrated Device Technology ICS93V855I Datasheet HTML 2Page - Integrated Device Technology ICS93V855I Datasheet HTML 3Page - Integrated Device Technology ICS93V855I Datasheet HTML 4Page - Integrated Device Technology ICS93V855I Datasheet HTML 5Page - Integrated Device Technology ICS93V855I Datasheet HTML 6Page - Integrated Device Technology ICS93V855I Datasheet HTML 7Page - Integrated Device Technology ICS93V855I Datasheet HTML 8Page - Integrated Device Technology ICS93V855I Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICS93V855I
0783C—06/01/04
Absolute Maximum Ratings
Supply Voltage: (VDD & AVDD) . . . . . . . . . . -0.5V to 3.6V
(VDDI) . . . . . . . . . . . . . . -0.5V to 4.6V
Logic Inputs: VI . . . . . . . . . . . . . . . . . . . . . . . VSS –0.5 V to VDD +0.5 V
Logic Outputs: VO . . . . . . . . . . . . . . . . . . . . . VSS –0.5 V to VDD +0.5 V
Input clamp current: IIK (VI < 0 or VI > VDD) +/- 50mA
Output clamp current: IOK (VO < 0 or VO > VDD)
+/- 50mA
Continuous output current: IO (VO = 0 to VDD) +/- 50mA
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above
those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = -45°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
5µA
Input Low Current
IIL
VI = VDD or GND
5µA
IDD2.5
CL = 0pf, RL = 120 ohms
250
mA
IDDPD
CL = 0pf, RL = 120 ohms
100
µA
Output High Current
IOH
VDD = 2.3V, VOUT = 1V
-18
mA
Output Low Current
IOL
VDD = 2.3V, VOUT = 1.2V
26
mA
High Impedance
Output Current
IOZ
VDD=2.7V, Vout=VDD or GND
±10
μA
Input Clamp Voltage
VIK
Iin = -18mA
-1.2
V
VDD = min to max,
IOH = -1 mA
VDD - 0.1
V
VDD = 2.3V,
IOH = -12 mA
1.7
V
VDD = min to max
IOL=1 mA
0.1
VDD = 2.3V
IOH=12 mA
0.6
V
Input Capacitance
1
CIN
VI = VDD or GND
3pF
Output Capacitance
1
COUT
VI = VDD or GND
3pF
1Guaranteed by design and characterization, not 100% tested in production.
Operating Supply
Current
High-level output voltage
VOH
Low-level output voltage
VOL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com