Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2510C Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS2510C
Description  Distributes one clock input to one bank of ten outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2510C Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS2510C Datasheet HTML 1Page - Integrated Device Technology ICS2510C Datasheet HTML 2Page - Integrated Device Technology ICS2510C Datasheet HTML 3Page - Integrated Device Technology ICS2510C Datasheet HTML 4Page - Integrated Device Technology ICS2510C Datasheet HTML 5Page - Integrated Device Technology ICS2510C Datasheet HTML 6Page - Integrated Device Technology ICS2510C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS2510C
0010G—09/22/09
Pin Descriptions
Note:
1.
Weak pull-ups on these inputs
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
AGND
PWR
Analog Ground
2, 10, 14
VCC
PWR
Power Supply (3.3V)
3
CLK0
OUT
Buffered clock output.
4
CLK1
OUT
Buffered clock output.
5
CLK2
OUT
Buffered clock output.
6, 7, 18, 19
GND
PWR
Ground
8
CLK3
OUT
Buffered clock output.
9
CLK4
OUT
Buffered clock output.
11
OE
1
IN
Output enable (has internal pull_up). When high, normal operation.
When low, clock outputs are disabled to a logic low state.
12
FBOUT
OUT
Feedback output
13
FBIN
IN
Feedback input
15
CLK5
OUT
Buffered clock output.
16
CLK6
OUT
Buffered clock output.
17
CLK7
OUT
Buffered clock output.
20
CLK8
OUT
Buffered clock output.
21
CLK9
OUT
Buffered clock output.
22
VCC
PWR
Power Supply (3.3V) digital supply.
23
AVCC
IN
Analog power supply (3.3V). When input is ground PLL is off and
bypassed.
24
CLKIN
IN
Clock input
Functionality
OE
AVCC
CLK (9:0)
FBOUT
Source
03.33
0
Driven
PLL
N
13.33
Driven
Driven
PLL
N
00
0
Driven
CLKIN
Y
1
0
Driven
Driven
CLKIN
Y
Test mode:
When AVCC is 0, shuts off the PLL
and connects the input directly to the output buffers
Buffer Mode
INPUTS
OUTPUTS
PLL
Shutdown



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com