Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18535KCS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18535KCS
Description  CSD18535KCS 60 V N-Channel NexFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18535KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD18535KCS Datasheet HTML 1Page - Texas Instruments CSD18535KCS Datasheet HTML 2Page - Texas Instruments CSD18535KCS Datasheet HTML 3Page - Texas Instruments CSD18535KCS Datasheet HTML 4Page - Texas Instruments CSD18535KCS Datasheet HTML 5Page - Texas Instruments CSD18535KCS Datasheet HTML 6Page - Texas Instruments CSD18535KCS Datasheet HTML 7Page - Texas Instruments CSD18535KCS Datasheet HTML 8Page - Texas Instruments CSD18535KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CSD18535KCS
www.ti.com
SLPS531 – MARCH 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.4
1.9
2.4
V
VGS = 4.5 V, ID = 100 A
2.3
2.9
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V, ID = 100 A
1.6
2.0
m
gƒs
Transconductance
VDS = 6 V, ID = 100 A
263
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
5090
6620
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 30 V, ƒ = 1 MHz
890
1150
pF
Crss
Reverse Transfer Capacitance
24
31
pF
RG
Series Gate Resistance
0.8
1.6
Qg
Gate Charge Total (10 V)
63
81
nC
Qgd
Gate Charge Gate-to-Drain
10.4
nC
VDS = 30 V, ID = 100 A
Qgs
Gate Charge Gate-to-Source
15.7
nC
Qg(th)
Gate Charge at Vth
9.4
nC
Qoss
Output Charge
VDS = 30 V, VGS = 0 V
140
nC
td(on)
Turn On Delay Time
9
ns
tr
Rise Time
3
ns
VDS = 30 V, VGS = 10 V,
IDS = 100 A, RG = 0 Ω
td(off)
Turn Off Delay Time
19
ns
tƒ
Fall Time
3
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 100 A, VGS = 0 V
0.9
1.0
V
Qrr
Reverse Recovery Charge
214
nC
VDS= 30 V, IF = 100 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
63
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance
0.5
°C/W
RθJA
Junction-to-Ambient Thermal Resistance
62
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18535KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com