Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18536KCS Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD18536KCS
Description  CSD18536KCS 60 V N-Channel NexFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18536KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD18536KCS_15 Datasheet HTML 1Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 2Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 3Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 4Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 5Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 6Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 7Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 8Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CSD18536KCS
SLPS532 – MARCH 2015
www.ti.com
Table of Contents
5.3
Typical MOSFET Characteristics .............................. 4
1
Features .................................................................. 1
6
Device and Documentation Support.................... 7
2
Applications ........................................................... 1
6.1
Trademarks ............................................................... 7
3
Description ............................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
4
Revision History..................................................... 2
6.3
Glossary .................................................................... 7
5
Specifications......................................................... 3
7
Mechanical, Packaging, and Orderable
5.1
Electrical Characteristics........................................... 3
Information ............................................................. 8
5.2
Thermal Information .................................................. 3
7.1
KCS Package Dimensions ........................................ 8
4 Revision History
DATE
REVISION
NOTES
March 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD18536KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com