Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6350ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6350ESA
Description  1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6350ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6350ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6350ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V
Voltage References
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6350
(VIN = 10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 4)
V
4.999
5.000
5.001
VOUT
Output Voltage
+25°C
20
ppm
Temperature Hysteresis
C
0.5
1.0
MAX6350
E
0.75
1.5
+25°C
+25°C
10
18
MAX6350C_A
MAX6350E_A
CONDITIONS
30
ppm/
1000h
8V
≤ VIN ≤ 10V
Long-Term Stability
∆VOUT / t
+25°C
Line Regulation (Note 2)
∆VOUT /
∆VIN
ppm/V
Figure 1
To ±0.01% of final value
V
8
36
VIN
Input Voltage Range
+25°C
2.0
3.0
Supply Current
IIN
C, E, M
3.3
mA
Trim-Adjustment Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
∆VOUT
C, E, M
±30
±50
mV
10
µs
Turn-On Settling Time
ton
+25°C
C, E, M
TA
C
30
E
35
M
45
C
7
+25°C
2
5
E
8
10V
≤ VIN ≤ 36V
M
10
C
1
6
C
1
6
E
1
7
E
1
7
M
M
2
9
6
15
0.1Hz
≤ f ≤ 10Hz
10Hz
≤ f ≤ 1kHz
3.0
µVp-p
Output Noise Voltage (Note 3)
en
+25°C
2.5
5.0
µVRMS
Output Voltage Temperature
Coefficient (Note 1)
TCVOUT
ppm/°C
M
1.0
2.5
MAX6350MJA
Note 1: Temperature coefficient is measured by the box method; i.e., the maximum
∆VOUT is divided by ∆T x VOUT.
Note 2: Line regulation (
∆VOUT / (VOUT x ∆VIN)) and load regulation (∆VOUT / (VOUT x ∆IOUT)) are measured with pulses and do not
include output voltage changes due to die-temperature changes.
Note 3: Noise specifications are 100% tested for the 10Hz to 1kHz bandwidth. Production testing in the 0.1Hz to 10Hz bandwidth is
available upon request.
Note 4: Temperature hysteresis is specified at TA = +25°C by measuring VOUT before and after changing temperature by +25°C
using the plastic DIP package.
+25°C
Sourcing: 0mA
≤ IOUT ≤ 15mA
Sinking: -15mA
≤ IOUT ≤ 0mA
ppm/mA
∆VOUT /
∆IOUT
Load Regulation (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com