Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19534KCS Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD19534KCS
Description  CSD19534KCS 100 V N-Channel NexFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD19534KCS Datasheet(HTML) 4 Page - Texas Instruments

  CSD19534KCS_15 Datasheet HTML 1Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 2Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 3Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 4Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 5Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 6Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 7Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 8Page - Texas Instruments CSD19534KCS_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VDS - Drain-to-Source Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
5
10
15
20
25
30
35
40
45
50
D002
VGS = 6 V
VGS = 8 V
VGS = 10 V
VGS - Gate-to-Source Voltage (V)
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
0
10
20
30
40
50
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD19534KCS
SLPS530 – JANUARY 2015
www.ti.com
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
VDS = 5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD19534KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com