Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLP Datasheet(PDF) 10 Page - Integrated Device Technology

Part # XLP
Description  Frequency range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button XLP Datasheet HTML 3Page - Integrated Device Technology XLP Datasheet HTML 4Page - Integrated Device Technology XLP Datasheet HTML 5Page - Integrated Device Technology XLP Datasheet HTML 6Page - Integrated Device Technology XLP Datasheet HTML 7Page - Integrated Device Technology XLP Datasheet HTML 8Page - Integrated Device Technology XLP Datasheet HTML 9Page - Integrated Device Technology XLP Datasheet HTML 10Page - Integrated Device Technology XLP Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IDT XO LVPECL CRYSTAL OSCILLATOR
10
REVISION B 12/10/14
XLP DATASHEET
Ordering Information
* See table or contact IDT for custom frequencies
Revision History
Rev.
Date
Originator
Description of Change
A
10/17/14
B. Chandhoke
Initial release.
B
12/10/14
B. Chandhoke
1. Added 7 x 5 x 1.3mm JU6 package option and package dimension/landing pattern
drawings.
2. Updated ordering information table/graphic to show JU6 package option.
XL P
5
3
5
FREQUENCY JS6
I
8
L = LVDS
P = LVPECL
2 = 2.5V
3 = 3.3V
0 = 100ppm
5 = 50ppm
6 = 25ppm
8 = 20ppm
000.750~
1350.000*
(in MHz)
JS6 =
5x3.2mm
JU6 =
7x5mm
X = -20 to +70°C
I = -40 to +85°C
Blank = Cut-Tape
8 = Tape & Reel
5 = 5x3.2mm
7 = 7x5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com