Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2158D Datasheet(PDF) 21 Page - International Rectifier

Part # IRS2158D
Description  Advanced Information
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158D Datasheet(HTML) 21 Page - International Rectifier

Back Button IRS2158D Datasheet HTML 17Page - International Rectifier IRS2158D Datasheet HTML 18Page - International Rectifier IRS2158D Datasheet HTML 19Page - International Rectifier IRS2158D Datasheet HTML 20Page - International Rectifier IRS2158D Datasheet HTML 21Page - International Rectifier IRS2158D Datasheet HTML 22Page - International Rectifier IRS2158D Datasheet HTML 23Page - International Rectifier IRS2158D Datasheet HTML 24Page - International Rectifier IRS2158D Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
IRS2158D(S)
www.irf.com
© 2009 International Rectifier
21
FMIN
VCO
CPH
CO
M
LO
MLS
OSC.
HO
MHS
VS
Half-
Bridge
Output
I LOA
D
V
BUS (+)
V
BUS (-)
Load
Return
Half-
Bridge
Driver
IRS2158D
M1
R
PH
R
FMIN
C
VCO
C
PH
VCC
R
CPH
4
3
5
MODE
16
15
11
10
CS
12
R
CS
C
CS
R
3
+
-
1.2V
M2
1.2K
Figure 5: Ignition circuitry.
The over-current threshold on pin CS (VCSTH+) will protect the ballast against a non-strike or open-filament
lamp fault condition. The voltage on pin CS is defined by the lower half-bridge MOSFET current flowing
through the external current sensing resistor RCS. This resistor programs the maximum peak ignition current
(and therefore peak ignition voltage) of the ballast output stage. Should this voltage exceed the internal
VCSTH+ threshold of 1.2 V, the ignition regulation circuit discharges the VCO voltage slightly to increase the
frequency slightly (see Figure 6). This cycle-by-cycle feedback from the CS pin to the VCO pin will adjust
the frequency each cycle to limit the amplitude of the current for the entire duration of ignition mode.
t
t
t
VVCO
VCS
VS
LO
HO
1.2V
5V
Figure 6: Ignition regulation timing diagram.
The IRS2158D remains in IGNITION mode until the voltage at CPH reaches 1/2*VCC at which point it will
switch into PRE-RUN mode.
Pre-Run Mode
In PRE-RUN mode the fault counter is disables so that the IRS2158D will enter FAULT mode if a single
event occurs where VCS>1.2 V (VCSTH+). This allows the ballast to shut down if the resonant inductor
saturates during ignition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com