Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2168D Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2168D
Description  ADVANCED PFC BALLAST CONTROL IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2168D Datasheet(HTML) 2 Page - International Rectifier

  IRS2168D Datasheet HTML 1Page - International Rectifier IRS2168D Datasheet HTML 2Page - International Rectifier IRS2168D Datasheet HTML 3Page - International Rectifier IRS2168D Datasheet HTML 4Page - International Rectifier IRS2168D Datasheet HTML 5Page - International Rectifier IRS2168D Datasheet HTML 6Page - International Rectifier IRS2168D Datasheet HTML 7Page - International Rectifier IRS2168D Datasheet HTML 8Page - International Rectifier IRS2168D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IRS2168D(S)PbF
www.irf.com
Page 2
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur.
All voltage
parameters are absolute voltages referenced to COM, all currents are defned positive into any lead.
The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
V
B
VB pin high-side floating supply voltage
-0.3
625
V
S
VS pin high-side floating supply offset voltage
VB – 25
VB + 0.3
V
HO
HO pin high-side floating output voltage
VS - 0.3
VB + 0.3
V
LO
LO pin low-side output voltage
V
PFC
PFC gate driver output voltage
-0.3
VCC + 0.3
V
IO,
MAX
Maximum allowable output current (HO, LO, PFC) due to external
power transistor miller effect
-500
500
ICC
VCC current (see Note 1)
-25
25
mA
V
BUS
VBUS pin voltage
V
CPH
CPH pin voltage
V
COMP
COMP pin voltage
VZX
ZX pin voltage
VOC
OC pin voltage
V
SD/EOL
SD/EOL pin voltage
V
CS
CS pin voltage
-0.3
VCC + 0.3
V
V
VCO
VCO pin voltage
-0.3
6
V
ICPH
CPH pin current
I
VCO
VCO pin current
I
FMIN
FMIN pin current
I
COMP
COMP pin current
I
ZX
ZX pin current
I
OC
OC pin current
I
SD/EOL
SD/EOL pin current
I
CS
CS pin current
-5
5
mA
dV/dt
Allowable VS pin offset voltage slew rate
-50
50
V/ns
Package power dissipation @ TA ≤ +25 ºC
(16-Pin DIP)
---
1.8
P
D
PD = (T
JMAX-TA)/RθJA
(16-Pin SOIC)
---
1.4
W
(16-Pin DIP)
---
70
RθJA
Thermal resistance, junction to ambient
(16-Pin SOIC)
---
86
ºC/W
T
J
Junction temperature
-55
150
T
S
Storage temperature
-55
150
T
L
Lead temperature (soldering, 10 seconds)
---
300
ºC
Note 1: This IC contains a Zener clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6 V. This supply pin should not be driven by a DC, low impedance power source greater than the VCLAMP
specified in the Electrical Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com