Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8261 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8261
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8261 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8261 Datasheet HTML 17Page - Seiko Instruments Inc S8261 Datasheet HTML 18Page - Seiko Instruments Inc S8261 Datasheet HTML 19Page - Seiko Instruments Inc S8261 Datasheet HTML 20Page - Seiko Instruments Inc S8261 Datasheet HTML 21Page - Seiko Instruments Inc S8261 Datasheet HTML 22Page - Seiko Instruments Inc S8261 Datasheet HTML 23Page - Seiko Instruments Inc S8261 Datasheet HTML 24Page - Seiko Instruments Inc S8261 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_00
S-8261 Series
Seiko Instruments Inc.
21
8. DP Pin
The DP pin is a test pin for delay time measurement and it should be open in the actual application. If a capacitor
whose capacitance is larger than 1000 pF or a resistor whose resistance is less than 1 M
Ω is connected to this pin,
error may occur in the delay times or in the detection voltages.
9. 0 V Battery Charge Function “Available”
This function is used to recharge the connected battery whose voltage is 0 V due to the self-discharge. When the 0 V
battery charge starting charger voltage (V0CHA) or higher is applied between EB
+ pin and EB− pin by connecting a
charger, the charging control FET gate is fixed to VDD pin voltage. When the voltage between the gate and source
of the charging control FET becomes equal to or higher than the turn-on voltage due to the charger voltage, the
charging control FET is turned on to start charging. At this time, the discharging control FET is off and the charging
current flows through the internal parasitic diode in the discharging control FET. When the battery voltage becomes
equal to or higher than the overdischarge detection voltage (VDL) and the overdischarge hysteresis voltage (VHD), the
S-8261 Series enters the normal status.
Caution
Some battery providers do not recommend charging for completely self-discharged battery.
Please ask battery providers before determine whether to enable or inhibit the 0 V battery charge
function.
Remark
The 0 V battery charge function has higher priority than the abnormal charge current detection function.
Consequently, a product with the 0 V battery charging function is enabled charges a battery forcibly and
abnormal charge current cannot be detected when the battery voltage is low.
10. 0 V Battery Charge Function “Unavailable”
This function inhibits the recharging when a battery that is short-circuited (0 V battery) internally is connected. When
the battery voltage is the 0 V battery charge inhibition battery voltage (V0INH) or lower, the charging control FET gate
is fixed to EB
− pin voltage to inhibit charging. When the battery voltage is the 0 V battery charge inhibition battery
voltage (V0INH) or higher, charging can be performed.
Caution
Some battery providers do not recommend charging for completely self-discharged battery.
Please ask battery providers before determining the 0 V battery charge function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com