Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S19102 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S19102
Description  VOLTAGE DETECTOR WITH SENSE PIN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19102 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S19102 Datasheet HTML 17Page - Seiko Instruments Inc S19102 Datasheet HTML 18Page - Seiko Instruments Inc S19102 Datasheet HTML 19Page - Seiko Instruments Inc S19102 Datasheet HTML 20Page - Seiko Instruments Inc S19102 Datasheet HTML 21Page - Seiko Instruments Inc S19102 Datasheet HTML 22Page - Seiko Instruments Inc S19102 Datasheet HTML 23Page - Seiko Instruments Inc S19102 Datasheet HTML 24Page - Seiko Instruments Inc S19102 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_00
S-19102/19108 Series
Seiko Instruments Inc.
21
Precautions
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• In CMOS output product of the S-19102/19108 Series, the feed-through current flows at the time of detection and
release. If the VDD pin input impedance is high, malfunction may occur due to the voltage drop by the feed-through
current when releasing.
• In CMOS output product, oscillation may occur if a pull-down resistor is connected and falling speed of the SENSE
pin voltage (VSENSE) is slow near the detection voltage when the VDD pin and the SENSE pin are shorted.
• When designing for mass production using an application circuit described herein, the product deviation and
temperature characteristics of the external parts should be taken into consideration. SII shall not bear any
responsibility for patent infringements related to products using the circuits described herein.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products
including this IC of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com