Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S19104 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S19104
Description  FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19104 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S19104 Datasheet HTML 17Page - Seiko Instruments Inc S19104 Datasheet HTML 18Page - Seiko Instruments Inc S19104 Datasheet HTML 19Page - Seiko Instruments Inc S19104 Datasheet HTML 20Page - Seiko Instruments Inc S19104 Datasheet HTML 21Page - Seiko Instruments Inc S19104 Datasheet HTML 22Page - Seiko Instruments Inc S19104 Datasheet HTML 23Page - Seiko Instruments Inc S19104 Datasheet HTML 24Page - Seiko Instruments Inc S19104 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
FOR AUTOMOTIVE 105°C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_00
S-19104/19106 Series
Seiko Instruments Inc.
21
3. Delay circuit
The delay circuit has the function that adjusts the release delay time (tRESET) from when the SENSE pin voltage
(VSENSE) reaches release voltage (
+VDET) to when the output from OUT pin inverts.
tRESET is determined by the delay coefficient, the delay capacitor (CD), and the release delay time when the CD pin
is open (tRESET0), and calculated by the equation below.
tRESET [ms] = Delay coefficient
× CD [nF] + tRESET0 [ms]
Table 13
Operation
Temperature
Delay Coefficient
Min.
Typ.
Max.
Ta =
+105°C
1.78
2.29
3.13
Ta =
+25°C
2.30
2.66
3.07
Ta =
−40°C
2.68
3.09
3.57
Table 14
Operation
Temperature
Release Delay Time when CD Pin is Open (tRESET0)
Min.
Typ.
Max.
Ta =
+105°C
0.020 ms
0.049 ms
0.130 ms
Ta =
+25°C
0.021 ms
0.059 ms
0.164 ms
Ta =
−40°C
0.024 ms
0.074 ms
0.202 ms
Caution 1.
Mounted board layout should be made in such a way that no current flows into or flows from
the CD pin since the impedance of the CD pin is high, otherwise correct delay time cannot be
provided.
2.
There is no limit for the capacitance of CD as long as the leakage current of the capacitor can
be ignored against the built-in constant current value (30 nA to 200 nA).
3.
The detection delay time (tDET) cannot be adjusted by CD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com