Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S19311 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S19311
Description  FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19311 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S19311 Datasheet HTML 17Page - Seiko Instruments Inc S19311 Datasheet HTML 18Page - Seiko Instruments Inc S19311 Datasheet HTML 19Page - Seiko Instruments Inc S19311 Datasheet HTML 20Page - Seiko Instruments Inc S19311 Datasheet HTML 21Page - Seiko Instruments Inc S19311 Datasheet HTML 22Page - Seiko Instruments Inc S19311 Datasheet HTML 23Page - Seiko Instruments Inc S19311 Datasheet HTML 24Page - Seiko Instruments Inc S19311 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.0_01
S-19311 Series
Seiko Instruments Inc.
21
Characteristics (Typical Data)
1. Regulator block
1. 1 Output voltage vs. Output current (When load current increases) (Ta =
+25°C)
1. 1. 1 VOUT = 3.3 V
1. 1. 2 VOUT = 5.0 V
4.0
0.0
0
600
IOUT [mA]
3.0
2.0
1.0
500
400
300
200
100
VIN = 3.8 V
VIN = 4.3 V
VIN = 13.5 V
6.0
0.0
0
600
IOUT [mA]
500
400
300
200
100
5.0
4.0
3.0
2.0
1.0
VIN = 5.5 V
VIN = 6.0 V
VIN = 13.5 V
1. 2 Output voltage vs. Input voltage (Ta =
+25°C)
1. 2. 1 VOUT = 3.3 V
1. 2. 2 VOUT = 5.0 V
4.0
0.0
018
VIN [V]
3.0
2.0
1.0
15
12
9
6
3
IOUT = 1 mA
IOUT = 30 mA
IOUT = 10 mA
IOUT = 100 mA
6.0
0.0
018
VIN [V]
15
12
9
6
3
5.0
4.0
3.0
2.0
1.0
IOUT = 1 mA
IOUT = 30 mA
IOUT = 10 mA
IOUT = 100 mA
1. 3 Dropout voltage vs. Output current
1. 3. 1 VOUT = 3.3 V
1. 3. 2 VOUT = 5.0 V
200
0
0
200
IOUT [mA]
150
100
50
150
100
50
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
200
0
0
200
IOUT [mA]
150
100
50
150
100
50
Tj =
+125°C
Tj =
+150°C
Tj =
+25°C
Tj =
−40°C
1. 4 Dropout voltage vs. Junction temperature
1. 4. 1 VOUT = 3.3 V
1. 4. 2 VOUT = 5.0 V
−25 0
150
125
100
75
50
25
−40
Tj [
°C]
0
100
80
60
40
20
IOUT = 30 mA
IOUT = 100 mA
−25 0
150
125
100
75
50
25
−40
Tj [
°C]
0
100
80
60
40
20
IOUT = 30 mA
IOUT = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com