Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35710 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S35710
Description  FOR AUTOMOTIVE 125C OPERATION 2-WIRE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35710 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S35710 Datasheet HTML 17Page - Seiko Instruments Inc S35710 Datasheet HTML 18Page - Seiko Instruments Inc S35710 Datasheet HTML 19Page - Seiko Instruments Inc S35710 Datasheet HTML 20Page - Seiko Instruments Inc S35710 Datasheet HTML 21Page - Seiko Instruments Inc S35710 Datasheet HTML 22Page - Seiko Instruments Inc S35710 Datasheet HTML 23Page - Seiko Instruments Inc S35710 Datasheet HTML 24Page - Seiko Instruments Inc S35710 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.3_00
S-35710 Series
Seiko Instruments Inc.
21
7. Read operation of wake-up time register
Perform the read operation of the wake-up time register with the restart format. Regarding the restart format, refer to
"4. Data transmission format".
Transmit the start condition and the slave address from the master device. The slave address of the S-35710 Series is
specified to "0110010". Next, transmit "0" to the read / write bit.
B7 in the 2nd byte is an address pointer. Set B7 to "0" when reading the wake-up time register. Next, transmit the
dummy data to B6 to B1. Make sure to set B0 to "1" since it is a test bit. This processing is called "dummy write".
Then transmit the start condition, the slave address and the read / write bit. The data of the wake-up time register can
be read when the read / write bit is set to "1".
Consequently, the data of the wake-up time register is output from the S-35710 Series. Each byte from B7 is
transmitted.
When the read operation of the wake-up time register is finished, transmit "1" (NO_ACK) to the acknowledge after B0
output from the master device, and then transmit the stop condition.
The wake-up time register is a 3-byte register. "1" is read if the read operation is performed continuously after reading
3 bytes of the wake-up time register.
Regarding the wake-up time register, refer to " Configuration of Registers".
Moreover, the internal address pointer is reset if recognizing the stop condition. Therefore, do not transmit the stop
condition after dummy write operation. The time register is read if performing the read operation of the register after
transmitting the stop condition.
19
18
1
9
18
27
36
SCL
1
0
1
0
0
1
1
0
B1
B7
B0
B7
B0
B7
B0
B7
SDA
Wake-up time register (3-byte)
0
B0
B7
Dummy data
*1
Dummy write
Slave address
(0110010)
1
0
1
0
0
1
1
0
B1R/W
0
R/W
B7
Slave address
(0110010)
Make sure to set B0 to "1" since it is a test bit.
Input NO_ACK after
the 3rd byte transmission.
Set B7 as an address pointer.
*1. Set B6 to B1 to "0" or "1" since they are dummy data.
: S-35710 output data
: Master device input data
Figure 29 Read Timing of Wake-up Time Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com