Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S35720 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S35720
Description  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S35720 Datasheet HTML 9Page - Seiko Instruments Inc S35720 Datasheet HTML 10Page - Seiko Instruments Inc S35720 Datasheet HTML 11Page - Seiko Instruments Inc S35720 Datasheet HTML 12Page - Seiko Instruments Inc S35720 Datasheet HTML 13Page - Seiko Instruments Inc S35720 Datasheet HTML 14Page - Seiko Instruments Inc S35720 Datasheet HTML 15Page - Seiko Instruments Inc S35720 Datasheet HTML 16Page - Seiko Instruments Inc S35720 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
Rev.1.0_00
S-35720 Series
Seiko Instruments Inc.
13
Chattering Elimination of RST
_________
Pin
The RST
_______
pin is active "L". Because the RST
_______
pin has an internal chattering elimination circuit, "L" time period of 0.25
seconds or more is needed to confirm the "L" input.
Figure 15 is a timing chart of chattering elimination. Perform sampling at 8 Hz and operate the shift register circuit.
Perform shift operation for 3 times, and reset the counter when DF1 to DF3 are all "L".
Clock (8 Hz)
Chattering elimination width (0.25 seconds)
RST pin input signal
Shift register_DF1
Shift register_DF2
Shift register_DF3
Reset signal after
chattering elimination
Figure 15 Timing Chart of Chattering Elimination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com