Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS10752LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS10752LPBF
Description  SOT-23 High-Side Gate Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS10752LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS10752LPBF Datasheet HTML 1Page - International Rectifier IRS10752LPBF Datasheet HTML 2Page - International Rectifier IRS10752LPBF Datasheet HTML 3Page - International Rectifier IRS10752LPBF Datasheet HTML 4Page - International Rectifier IRS10752LPBF Datasheet HTML 5Page - International Rectifier IRS10752LPBF Datasheet HTML 6Page - International Rectifier IRS10752LPBF Datasheet HTML 7Page - International Rectifier IRS10752LPBF Datasheet HTML 8Page - International Rectifier IRS10752LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IRS10752LPBF
1
www.irf.com
© 2015 International Rectifier
January 14, 2015
HVICTM
SOT-23 High-Side Gate Driver IC
Ordering Information
Features
Floating gate driver designed for bootstrap operation
Fully operational to +100 V
Excellent dv/dt immunity
Excellent negative VS transient immunity
Wide VCC range
UVLO on low-side and high-side
Schmitt-trigger input with internal pull-down
Output in phase with input
Excellent latch immunity on all inputs & outputs
RoHS compliant
6-pin SOT-23 package
Applications
High-side gate driver control
Pulse transformer replacement
General purpose switched mode power electronics
Description
The IRS10752 is a high-side, single-channel
gate driver IC with 100V blocking and level-
shifting capability. This allows for the gate driver
to be connected directly to the gate of a high-side
power MOSFET, while being controlled by the
low-side, ground potential circuitry. The IRS10752
includes
a
wide
VCC supply range, UVLO
protection, and excellent immunity to harsh dv/dt
or
–V
S
switching environments. IR’s HVIC
technology allows for these functions and features
to be realized in a 6-pin SOT-23 package.
Package Options
SOT23-6L
Typical Connection Diagram
1
2
3
6
4
VCC
IN
COM
VB
VS
To Load
IN
5
HO
100V
VCC
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRS10752LPBF
SOT-23-6L
Tape and Reel
3000
IRS10752LTRPBF


Similar Part No. - IRS10752LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
378Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
More results

Similar Description - IRS10752LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20752LPBF IRF-IRS20752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
IRS25752LPBF IRF-IRS25752LPBF_15 Datasheet
691Kb / 12P
SOT-23 High-Side Gate Driver IC
IR44252LPBF IRF-IR44252LPBF Datasheet
728Kb / 14P
SOT-23 Single Low-Side Driver IC
IR44272LPBF IRF-IR44272LPBF Datasheet
741Kb / 14P
SOT-23 Gate Driver IC
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS20752LPBF INFINEON-IRS20752LPBF Datasheet
378Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
SOT-23 Single Low-Side Driver IC
June 30, 2015
IR44272LPBF INFINEON-IR44272LPBF Datasheet
734Kb / 14P
SOT-23 Gate Driver IC
June 30, 2015
IR44273LPBF INFINEON-IR44273LPBF Datasheet
514Kb / 14P
SOT-23 Single Low-Side Gate Driver IC
January 14, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com