Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARMHT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHT Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCD3138ARMHT Datasheet HTML 11Page - Texas Instruments UCD3138ARMHT Datasheet HTML 12Page - Texas Instruments UCD3138ARMHT Datasheet HTML 13Page - Texas Instruments UCD3138ARMHT Datasheet HTML 14Page - Texas Instruments UCD3138ARMHT Datasheet HTML 15Page - Texas Instruments UCD3138ARMHT Datasheet HTML 16Page - Texas Instruments UCD3138ARMHT Datasheet HTML 17Page - Texas Instruments UCD3138ARMHT Datasheet HTML 18Page - Texas Instruments UCD3138ARMHT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3 V to 3.6 V; 1
μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER ON RESET AND BROWN OUT (V33D pin, See Figure 5-4)
VGH
Voltage good high
2.7
V
VGL
Voltage good low
2.5
V
Vres
Voltage at which I
RESET signal is valid
0.8
V
Time delay after power is good or
TPOR
1
ms
RESET relinquished
Internal signal warning of brownout
Brownout
2.9
V
conditions
TEMPERATURE SENSOR(7)
VTEMP
Voltage range of sensor
1.46
2.44
V
Voltage resolution
V/°C
5.9
mV/ºC
Temperature resolution
°C per bit
0.1034
ºC/LSB
Accuracy(7)(8)
–40°C to 125°C
–10
±5
10
ºC
Temperature range
–40°C to 125°C
–40
125
ºC
ITEMP
Current draw of sensor when active
30
μA
TON
Turn on time / settling time of sensor
100
μs
VAMB
Ambient temperature
Trimmed 25°C reading
1.85
V
ANALOG COMPARATOR
DAC
Reference DAC Range
0
2.5
V
Reference Voltage
2.478
2.5
2.513
V
Bits
7
bits
INL(7)
–0.42
0.21
LSB
DNL(7)
0.06
0.12
LSB
Offset
–5.5
19.5
mV
Time to disable DPWM output based on 0
V to 2.5 V step input on the analog
150
ns
comparator.(1)
Reference DAC buffered output load(9)
0.5
1
mA
Buffer offset (–0.5 mA)
0.3 V < DAC < 2.17 V
0
10
mV
Buffer offset (1.0 mA)
0.3 V < DAC < 2.17 V
–10
0
mV
(7)
Characterized by design and not production tested.
(8)
Ambient temperature offset value should be used from the TEMPSENCTRL register to meet accuracy.
(9)
Available from reference DACs for comparators D, E, F, and G.
5.5
Thermal Characteristics
UCD3138A
UCD3138A
THERMAL METRIC(1)
UNIT
64 PIN QFN
40 PIN QFN
(RGC)
(RMH)
RθJA
Junction-to-ambient thermal resistance
25.1
31.0
RθJC(top)
Junction-to-case (top) thermal resistance
10.5
16.5
RθJB
Junction-to-board thermal resistance
4.6
6.3
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.2
ψJB
Junction-to-board characterization parameter
4.6
6.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.2
1.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
Copyright © 2015, Texas Instruments Incorporated
Specifications
15
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com