Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138128 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138128
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138128 Datasheet(HTML) 4 Page - Texas Instruments

  UCD3138128 Datasheet HTML 1Page - Texas Instruments UCD3138128 Datasheet HTML 2Page - Texas Instruments UCD3138128 Datasheet HTML 3Page - Texas Instruments UCD3138128 Datasheet HTML 4Page - Texas Instruments UCD3138128 Datasheet HTML 5Page - Texas Instruments UCD3138128 Datasheet HTML 6Page - Texas Instruments UCD3138128 Datasheet HTML 7Page - Texas Instruments UCD3138128 Datasheet HTML 8Page - Texas Instruments UCD3138128 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
5 Product Family Comparison
UCD3138
UCD3138064
UCD3138
UCD3138064
UCD3138064
UCD3138128
UCD3138A64
Feature
RHA/RMH
RMH
RGC
RGC
RGZ
PFC
PFC
80 Pin QFP
80 Pin QFP
40 Pin QFN
40 Pin QFN
64 Pin QFN
64 Pin QFN
48 Pin QFN
Package Offering
(14mm x 14mm)
(14mm x 14mm)
(6mm x 6mm)
(6mm x 6mm)
( 9mm x 9mm)
(9mm x 9mm)
(7mm x 7mm)
(Includes leads)
(Includes leads)
ARM7TDMI-S Core Processor
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
31.25 MHz
High Resolution DPWM Outputs (250ps
8
8
8
8
8
8
8
Resolution)
Number of High Speed Independent
Feedback Loops (# Regulated Output
3
3
3
3
3
3
3
Voltages
12-bit, 256kps, General Purpose ADC
7
7
14
14
9
15
15
Channels
Digital Comparators at ADC Outputs
4
4
4
4
4
4
4
Flash Memory (Program)
32 kB
64 kB
32 kB
64 kB
64 kB
128 kB
64 kB
Number of Memory 32kB Flash Memory
Only 1 bank of 64
1
2
1
2
2
4
Banks
kB Flash available
Flash Memory (Data)
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
2 kB
RAM
4 kB
4 kB
4 kB
4 kB
4 kB
8 kB
8 kB
Programmable Fault Inputs
1 + 2(1)
1 + 2(1)
4
2 + 2(1)
1 + 2(1)
4
4
High Speed Analog Comparators with
6
6
7
7
6
7
7
Cycle-by-Cycle Current Limiting
UART (SCI)
1(1)
1(1)
2
2
2
2
2
PMBus/I2C
1
1
1
1
1
1
1
Additional I2C
0
0
0
1(1)
1(1)
1
1
SPI
0
0
0
1(1)
1(1)
1
1
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
4 (16 bit) and
Timers
1 (24 bit)
1 (24 bit)
1 (24 bit)
1 (24 bit)
1 (24 bit)
2 (24 bit)
2 (24 bit)
Timer PWM Outputs
1(1)
1(1)
2
2
1(1)
4
4
Timer Capture Inputs
2(1)
2(1)
1 + 3(1)
1 + 3(1)
2(1)
2 + 2(1)
2 + 2(1)
Total Digital GPIOs
18
18
30
30
24
43
43
External Interrupts
0
0
1
1
0
1
1
External Crystal Clock Support
no
no
no
no
no
Yes (pins #61, 62)
Yes (pins #61, 62)
Peak Current Mode Control
EADC2 Only
All EADC channels
EADC Only
All EADC channels All EADC Channels All EADC Channels All EADC Channels
(1)
Represents an alternate pin out that is programmable via firmware.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com