Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6502CMP000 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6502CMP000
Description  Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6502CMP000 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6502CMP000 Datasheet HTML 1Page - Maxim Integrated Products MAX6502CMP000 Datasheet HTML 2Page - Maxim Integrated Products MAX6502CMP000 Datasheet HTML 3Page - Maxim Integrated Products MAX6502CMP000 Datasheet HTML 4Page - Maxim Integrated Products MAX6502CMP000 Datasheet HTML 5Page - Maxim Integrated Products MAX6502CMP000 Datasheet HTML 6Page - Maxim Integrated Products MAX6502CMP000 Datasheet HTML 7Page - Maxim Integrated Products MAX6502CMP000 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low-Cost, +2.7V to +5.5V, Micropower
Temperature Switches in SOT23 and TO-220
GND
VCC
HYST
( ) ARE FOR MAX6502.
15 TOVER
(TOVER)
GND
MAX6501
MAX6502
SOT23-5
TOP VIEW
2
34
GND
VCC
HYST
( ) ARE FOR MAX6504.
15 TUNDER
(TUNDER)
GND
MAX6503
MAX6504
SOT23-5
2
34
GND TOVER
(TOVER)
HYST
GND
MAX6501
MAX6502
TO-220-7
GND
VCC
HYST
GND
MAX6503
MAX6504
TO-220-7
TUNDER
(TUNDER)
1 23 4 56 7
1 23 4 56 7
VCC
Pin Configurations
Chip Information
TRANSISTOR COUNT: 237
SUBSTRATE CONNECTED TO GND
PART
MAX6501 MAX6502 MAX6503 MAX6504
OUTPUT
STAGE
Open-
Drain
Push-Pull
Open-
Drain
Push-Pull
TRIP TEMP
THRESHOLD
Hot
Hot
Cold
Cold
































Selector Guide
-45
-35
-25
-15
-5
+5
+15
+35
+45
+55
+65
+75
+85
+95
+105
+115
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com