Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX660 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX660
Description  CMOS Monolithic Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX660 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX660 Datasheet HTML 1Page - Maxim Integrated Products MAX660 Datasheet HTML 2Page - Maxim Integrated Products MAX660 Datasheet HTML 3Page - Maxim Integrated Products MAX660 Datasheet HTML 4Page - Maxim Integrated Products MAX660 Datasheet HTML 5Page - Maxim Integrated Products MAX660 Datasheet HTML 6Page - Maxim Integrated Products MAX660 Datasheet HTML 7Page - Maxim Integrated Products MAX660 Datasheet HTML 8Page - Maxim Integrated Products MAX660 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CONDITIONS
CMOS Monolithic Voltage Converter
2
_______________________________________________________________________________________
Supply Voltage (V+ to GND, or GND to OUT) .......................+6V
LV Input Voltage ...............................(OUT - 0.3V) to (V+ + 0.3V)
FC and OSC Input Voltages........................The least negative of
(OUT - 0.3V) or (V+ - 6V) to (V+ + 0.3V)
OUT and V+ Continuous Output Current..........................120mA
Output Short-Circuit Duration to GND (Note 1) ....................1sec
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above + 70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges
MAX660C_ _ ........................................................0°C to +70°C
MAX660E_ _ .....................................................-40°C to +85°C
MAX660MJA ...................................................-55°C to +125°C
Storage Temperature Range............................... -65°to +160°C
Lead Temperature (soldering, 10sec) ........................... +300°C
ELECTRICAL CHARACTERISTICS
(V+ = 5V, C1 = C2 = 150µF, test circuit of Figure 1, FC = open, TA = TMIN to TMAX, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Note 2: In the test circuit, capacitors C1 and C2 are 150µF, 0.2
Ω maximum ESR, aluminum electrolytics.
Capacitors with higher ESR may reduce output voltage and efficiency. See
Capacitor Selection section.
Note 3: Specified output resistance is a combination of internal switch resistance and capacitor ESR. See
Capacitor Selection section.
Note 4: The ESR of C1 = C2
≤ 0.5Ω. Guaranteed by correlation, not production tested.
Note 1: OUT may be shorted to GND for 1sec without damage, but shorting OUT to V+ may damage the device and should be
avoided. Also, for temperatures above +85°C, OUT must not be shorted to GND or V+, even instantaneously, or device
damage may result.
Doubler, LV = OUT
Inverter, LV = GND
Inverter, LV = open
IL = 100mA to GND
RL = 500Ω connected between OUT and GND
FC = open
TA ≤ +85°C
RL = 1kΩ connected between V+ and OUT
FC = V+
TA ≤ +85°C, C1 = C2 = 150µF
TA ≤ +85°C, C1 = C2 = 10µF, FC = V+ (Note 4)
FC = open, LV = open
FC = V+, LV = open
TA ≤ +85°C, OUT more negative than -4V
FC = open
TA > +85°C, OUT more negative than -3.8V
FC = V+
%
99.00
99.96
No load
Voltage-Conversion
Efficiency
%
88
Power Efficiency
92
96
96
98
±8
OSC Input Current
µA
±1
kHz
40
80
Oscillator Frequency
2.5
5.5
1.5
5.5
V
3.0
5.5
RL = 1kΩ
Operating Supply Voltage
510
12
6.5
10.0
Ω
15
IL = 100mA
Output Resistance (Note 3)
mA
0.12
0.5
No load
Supply Current
13
100
mA
100
Output Current
UNITS
MIN
TYP
MAX
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com