Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX640 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX640
Description  5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX640 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX640 Datasheet HTML 1Page - Maxim Integrated Products MAX640 Datasheet HTML 2Page - Maxim Integrated Products MAX640 Datasheet HTML 3Page - Maxim Integrated Products MAX640 Datasheet HTML 4Page - Maxim Integrated Products MAX640 Datasheet HTML 5Page - Maxim Integrated Products MAX640 Datasheet HTML 6Page - Maxim Integrated Products MAX640 Datasheet HTML 7Page - Maxim Integrated Products MAX640 Datasheet HTML 8Page - Maxim Integrated Products MAX640 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5V/3.3V/3V/Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 9V for the MAX639, V+ = 5V for the MAX640/MAX653, ILOAD = 0mA, TA = TMIN to TMAX, typical values are at TA = +25°C,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
MIN
TYP
MAX
UNITS
91
Dropout Voltage
0.5
V
Output Voltage (Note 2)
2.88
3.00
3.12
V
3.17
3.30
3.43
94
87
91
85
Supply Current
Supply Voltage
4.0
11.5
V
10
20
µA
4.80
5.00
5.20
Efficiency
89
%
CONDITIONS
MAX653
IOUT = 100mA, L = 100µH
MAX653, V+ = 4.0V to 11.5V, 0mA < IOUT < 100mA
MAX640, V+ = 4.0V to 11.5V, 0mA < IOUT < 100mA
MAX639
MAX640
SHDN = V+, no load
MAX639, V+ = 6.0V to 11.5V, 0mA < IOUT < 100mA
V+...........................................................................................12V
LX .........................................................(V+ - 12V) to (V+ + 0.3V)
LBI, LBO, VFB, SHDN, VOUT........................-0.3V to (V+ + 0.3V)
LX Output Current (Note 1) ......................................................1A
LBO Output Current ............................................................10mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges:
MAX639C_ _ .......................................................0°C to +70°C
MAX639E_ _ ....................................................-40°C to +85°C
MAX639MJA ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
IOUT = 100mA, L = 100µH
IOUT = 25mA, L = 470µH
IOUT = 100mA, L = 100µH
IOUT = 25mA, L = 470µH
IOUT = 100mA, L = 100µH
IOUT = 25mA, L = 470µH
Switch On-Time
V+ = 9V, VOUT = 5V
V+ = 6V, VOUT = 3V
42.5
50.0
57.5
V+ = 9V, VOUT = 3.3V
V+ = 4V, VOUT = 3.3V
µs
10.6
12.5
14.4
V+ = 9V, VOUT = 3V
V+ = 4V, VOUT = 3V
14.2
16.7
19.2
7.5
8.8
10.1
60.7
71.4
82.1
7.1
8.3
9.5
MAX653
MAX639
MAX640
Switch Off-Time
V+ = 9V, VOUT = 5V
V+ = 6V, VOUT = 3V
14.6
17.2
19.8
V+ = 9V, VOUT = 3.3V
V+ = 4V, VOUT = 3.3V
µs
9.0
11.7
13.5
V+ = 9V, VOUT = 3V
V+ = 4V, VOUT = 3V
16.6
19.5
22.4
13.3
15.6
17.9
13.3
15.6
17.9
14.6
17.2
19.8
MAX653
MAX639
MAX640
Note 1: Peak inductor current must be limited to 600mA by using an inductor of 100µH or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com