Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3856G-AG6-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3856G-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3856G-AG6-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UC3856G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 9Page - Unisonic Technologies UC3856G-AG6-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UC3856
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R103-077.D
REFRENCE CIRCUIT (12V/2A)
SENSE
VDD
GATE
GND
FB
ST
U1
2
6
5
3
R6
R5
R7
Q1
1
3
22
C8
3
+
C2
C3
R3
D2
10
9
8
5
7
T1
R10 C9
C10
+
1, 2
3, 4
1
2
+
C11
L1
VO
GND
R15
R14
C12
R16
U2
3
2
R12
2
1
3
4
U3
D3
2
1
C4
+
BD1
2
1
4
L2
CX1
L
N
CY1
1
4
R8
R4
D4
2
1
R13
C5
C13
Q2
F1
R2
R1
R9
C7
D5
BOM
Reference
Component
Reference
Component
BD1
1N4007×4
Q1
4N60
CX1 (Optional)
0.01μF
Q2
UF601
CY1 (Optional)
YC 102P 400V (Y1)
R1
NC
C2
EC 33μF 400V 105°C
R2
NC
C3
CC 0.001μF 1000V
R3
400kΩ1206
C4
EC 10μF 50V
R4 (Optional)
10Ω 0603
C5
CC 1μF 50V
R5
3Ω 0805
C7
10nF 25V
R6
47Ω 0805
C8
CC 1nF 25V
R7
0.66Ω 1W
C9
NC
R8
10kΩ 0603
C10
EC 470μF 25V
R9
100kΩ 1206
C11
EC 220μF 25V
R10
NC
C12
0.1μF/25V 0603
R12
220Ω 0603
C13
0.47μF 1206 50V
R13
1KΩ 0603
D2
Diode 1N4007G
R14
680Ω 0603
D3
BAS21
R15
39kΩ 0603
D4 (Optional)
1N4148
R16
10kΩ 0603
D5
MBR20100C
T1
RM8
F1
2A/250V
U1
IC UC3856
L1
NC (Short)
U2
TL431
L2
Choke
U3
PC817



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com