Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3875CG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3875CG-S08-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3875CG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3875CG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3875CG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UC3875C
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R103-075.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, VDD =15V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
30
V
Input Voltage to FB Pin
VCOMP
-0.3~7
V
Input Voltage to CS Pin
VCS
-0.3~7
V
Junction Temperature
TJ
+150
C
Operating Temperature
TOPR
-40~+125
°C
Storage Temperature
TSTG
-50~+150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
10~26
V
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=15V, RI =100KΩ,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HV START
Supply Current from ST Pin
IST
2
2.8
5
mA
Start Pin Leakage Current After Startup
IEAKAGE
10
μA
SUPPLY SECTION
Start Up Current
ISTR
VDD=VDD(ON)-0.1V
0.8
20
μA
IC Operating current
IOP
VFB=3.5V
0.6
5
mA
VDD Zener Clamp current
ICLAMP
VDD>VOVP
15
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
11
12
13
V
Min. Operating Voltage
VDD(MIN)
6
7
8
V
CONTROL SECTION
VFB Open Loop Voltage Level
VFB-OPEN
5.1
V
PWM Input Gain
AVCS
∆VFB/∆VCS
3
V/V
Burst-Mode Out FB Voltage
VFB(OUT)
VSENSE =0
1.4
V
Reduce-Frequency end FB Voltage
VFB(END)
VSENSE =0
2.2
V
Burst-Mode Enter FB Voltage
VFB(IN)
VSENSE =0
1.1
V
Normal
VFB=3.5V, RI=100KΩ
60
65
70
KHz
Switch Frequency
Power-Saving
FSW
Before enter burst mode
22
KHz
Duty Cycle
DMAX
VFB=3.5V, VSENSE=0
75
%
Frequency Hopping
FJ(SW)
-4
+4
%
Frequency VDD Stability
FDV
VDD=12V~20V
5
%
Frequency Temperature Stability
FDT
T=-20~100°C
1.5
5
%
RI Resistor Value Range
RI
50
100
150
KΩ
Feedback Resistor
RFB
25
KΩ
PROTECTION SECTION
VCC Over Voltage Protection Threshold
VOVP
VFB=4.2V
27
V
FB PIN Over Load Protection Threshold
VOLP
4
4.2
4.4
V
Over Load Protection Delay-Time
TDelay
75
mS
OTP threshold
T(THR)
VFB=4.2V
160
°C
CURRENT LIMITING SECTION
Over Current Flat Threshold Voltage
VCS
VFB=4.2V
0.6
0.7
0.8
V
Lead Edge Blanking Time
TLEB
350
ns
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
VDD=16,IO=-20mA
0.8
V
Output Voltage High State
VOH
VDD=16,IO=20mA
11
V
Output Voltage Rise Time
tR
CL=1.0nF
100
ns
Output Voltage Fall Time
tF
CL=1.0nF
60
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com