Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1201L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UCS1201L-S08-R
Description  LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1201L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UCS1201L-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1201L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UCS1201
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R103-066.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power supply input.
2
ROSC
Frequency adjust pin.
3
NC
No connect.
4
COMP
Error amp output.
5
GATE(H)
High-side switch FET driver pin.
6
GATE(L)
Low-side synchronous FET driver pin.
7
VFB
Feedback voltage
8
GND
Ground
BLOCK DIAGRAM
VCC
-
+
+
-
-
+
+
-
-
+
+
-
-
-
+
Σ
Oscillator
200kHz
Frequency
Adjust
0.465V
0.98V
Error Amp
0.25V
8.5V/7.5V
UVLO
PWM Comp
Latch
Latch
GATE(L)
NC
ROSC
GATE(H)
VFB
COMP
Driver
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com