Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1201G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCS1201G-S08-R
Description  LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1201G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCS1201G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1201G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1201G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1201G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1201G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCS1201
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-066.a
LOW VOLTAGE
SYNCHRONOUS BUCK
CONTROLLER
DESCRIPTION
The UTC UCS1201 is a low voltage buck controller. It
provides the control for a DC-DC power solution producing an
output voltage as low as 0.980V over a wide current range. The
UTC UCS1201 operates at a default switching frequency of
200kHz, but switching frequency is user-programmable with an
additional resistor between ROSC and ground. This device
provides undervoltage lockout protection, soft-start, and is
assembled in an SOP-8 package.
FEATURES
* 0.980V±1.0% reference voltage
* 200ns transient response
* soft-start
* 200kHz oscillator frequency (No external resistor required)
* UVLO
* OVP through synchronous MOSFETs
* Synchronous N-Channel buck design
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCS1201L-S08-R
UCS1201G-S08-R
SOP-8
Tape Reel
UCS1201L-S08-T
UCS1201G-S08-T
SOP-8
Tube


Similar Part No. - UCS1201G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCS1201G-S08-R UTC-UCS1201G-S08-R Datasheet
166Kb / 5P
LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - UCS1201G-S08-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com