Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL102G-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UPSL102G-AF5-R
Description  HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL102G-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UPSL102G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSL102G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSL102G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSL102G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSL102G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSL102G-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UPSL102
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R125-028.c
MARKING
54
3
L102G
2
1
PIN CONFIGURATION
3
2
1
4
5
BASE
CS
GND
VDD
INV
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground
2
CS
Current sense input.
3
BASE
Base driver with current limit for power BJT.
4
INV
The voltage feedback from auxiliary winding.
5
VDD
Power supply.
BLOCK DIAGRAM
VDD
INV
GND
CC
Controller
UVLO
Logic
Control
Base
Drive
LEB
BASE
CS
OCP
3
2
1
4
5
POR
OVP
5V
Internal
Supply
OSC
OTP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com